Electronic Components Datasheet Search |
|
HFBR-EUD015 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard) |
|
HFBR-EUD015 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard) |
4 / 11 page 4 Plastic Optical Fiber Connector Absolute Maximum Ratings Parameter Symbol Min. Max. Unit Note Storage and Operating Temperature TS,O -40 85 °C1 Recommended Operating Temperature TO -40 85 °C1 Installation Temperature Tl 070 °C1 Nut Torque TN 0.7 N-m 2 100 OzF-in. Notes: 1. Storage and Operating Temperatures refer to the ranges over which the connectors can be used when not subjected to mechanical stress. Installation Temperature refers to the ranges over which connectors may be installed onto the fiber and over which connectors can be connected and disconnected from transmitter and receiver modules. 2. Recommended nut torque is 0.57 N-m. Plastic Optical Fiber Connector Mechanical/Optical Characteristics TA = -40 to +85°C, Unless Otherwise Specified. Parameter Part Number Symbol Min. Typ.[1] Max. Units Temp. °C Note Retention Force, Simplex, FR-C 7 8 N +25 2 Connector to HFBR-4501/4511 3 -40 to +85 Simplex Latching, 47 80 +25 HFBR-4503/4513 11 -40 to +85 Duplex, 7 12 +25 HFBR-4506 4 -40 to +85 Duplex Latching, 50 80 +25 HFBR-4516 15 -40 to +85 Tensile Force, Simplex, FT 8.5 22 N 3 Connector to Cable HFBR-4501/4511 Simplex Latching, 8.5 22 HFBR-4503/4513 Duplex, HFBR-4506 14 35 Duplex Latching, 14 35 HFBR-4516 Adapter Connector HFBR-4505/4515 with α CC 0.7 1.5 2.8 dB 25 4, 5 to Connector Loss HFBR-4501/4511 Retention Force HFBR-4505/4515 with FR-B 78 N Connector to Adapter HFBR-4501/4511 Insertion Force, Simplex, FI 830 N 6 HFBR-4501/4511 Simplex Latching, 16 35 HFBR-4503/4513 Duplex, HFBR-4506 13 46 Duplex Latching 22 51 HFBR-4516 Notes: 1. Typical data are at +25 °C. 2. No perceivable reduction in retention force was observed after 2000 insertions. Retention force of non-latching connectors is lower at elevated temperatures. Latching connectors are recommended for applications where a high retention force at high temperatures is desired. 3. For applications where frequent temperature cycling over temperature extremes is expected, please contact Agilent Technologies for alternate connectoring techniques. 4. Minimum and maximum limit for α CC for 0°C to +70°C temperature range. Typical value of αCC is at +25°C. 5. Factory polish or field polish per recommended procedure. 6. Destructive insertion force was typically at 178 N (40 lb.). HFBR-4505/4515 Adapter Versatile Link Transmitters and Receivers Connector to Versatile Link Transmitters and Receivers |
Similar Part No. - HFBR-EUD015 |
|
Similar Description - HFBR-EUD015 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |