Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2804 Datasheet(PDF) 2 Page - Analog Devices

Part # ADN2804
Description  622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2804 Datasheet(HTML) 2 Page - Analog Devices

  ADN2804 Datasheet HTML 1Page - Analog Devices ADN2804 Datasheet HTML 2Page - Analog Devices ADN2804 Datasheet HTML 3Page - Analog Devices ADN2804 Datasheet HTML 4Page - Analog Devices ADN2804 Datasheet HTML 5Page - Analog Devices ADN2804 Datasheet HTML 6Page - Analog Devices ADN2804 Datasheet HTML 7Page - Analog Devices ADN2804 Datasheet HTML 8Page - Analog Devices ADN2804 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADN2804
Rev. 0 | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Jitter Specifications....................................................................... 4
Output and Timing Specifications ............................................. 5
Absolute Maximum Ratings............................................................ 6
Thermal Characteristics .............................................................. 6
ESD Caution.................................................................................. 6
Timing Characteristics..................................................................... 7
Pin Configuration and Function Descriptions............................. 8
Typical Performance Characteristics ............................................. 9
I2C Interface Timing and Internal Register Description........... 10
Terminology .................................................................................... 12
Jitter Specifications......................................................................... 13
Theory of Operation ...................................................................... 14
Functional Description.................................................................. 16
Frequency Acquisition............................................................... 16
Limiting Amplifier ..................................................................... 16
Slice Adjust.................................................................................. 16
Loss-of-Signal (LOS) Detector ................................................. 16
Lock Detector Operation .......................................................... 17
SQUELCH Modes ...................................................................... 17
I2C Interface ................................................................................ 17
Reference Clock (Optional) ...................................................... 19
Applications Information .............................................................. 21
PCB Design Guidelines ............................................................. 21
DC-Coupled Application .......................................................... 23
Outline Dimensions ....................................................................... 24
Ordering Guide .......................................................................... 24
REVISION HISTORY
2/06—Revision 0: Initial Version


Similar Part No. - ADN2804

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2804 AD-ADN2804_15 Datasheet
418Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. D
More results

Similar Description - ADN2804

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2804 AD-ADN2804_15 Datasheet
418Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. D
ADN2806 AD-ADN2806 Datasheet
408Kb / 20P
   622 Mbps Clock and Data Recovery IC
REV. 0
ADN2807 AD-ADN2807 Datasheet
363Kb / 20P
   155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2807 AD-ADN2807_15 Datasheet
534Kb / 20P
   155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
logo
Maxim Integrated Produc...
MAX3676 MAXIM-MAX3676_09 Datasheet
274Kb / 15P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Rev 4; 3/09
MAX3676 MAXIM-MAX3676 Datasheet
181Kb / 16P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1537; Rev 0; 7/99
MAX3872 MAXIM-MAX3872 Datasheet
580Kb / 13P
   Multirate Clock and Data Recovery with Limiting Amplifier
Rev 1; 5/03
MAX3991 MAXIM-MAX3991 Datasheet
261Kb / 12P
   10Gbps Clock and Data Recovery with Limiting Amplifier
Rev 0; 11/04
MAX3872 MAXIM-MAX3872_V01 Datasheet
1,001Kb / 15P
   Multirate Clock and Data Recovery with Limiting Amplifier
19-2709; Rev 3; 2/07
logo
Analog Devices
ADN2855 AD-ADN2855 Datasheet
369Kb / 20P
   Multirate 155 Mbps/622 Mbps/1244 Mbps/1250 Mbps Burst Mode Clock and Data Recovery IC with Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com