Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2804 Datasheet(PDF) 3 Page - Analog Devices

Part # ADN2804
Description  622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2804 Datasheet(HTML) 3 Page - Analog Devices

  ADN2804 Datasheet HTML 1Page - Analog Devices ADN2804 Datasheet HTML 2Page - Analog Devices ADN2804 Datasheet HTML 3Page - Analog Devices ADN2804 Datasheet HTML 4Page - Analog Devices ADN2804 Datasheet HTML 5Page - Analog Devices ADN2804 Datasheet HTML 6Page - Analog Devices ADN2804 Datasheet HTML 7Page - Analog Devices ADN2804 Datasheet HTML 8Page - Analog Devices ADN2804 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADN2804
Rev. 0 | Page 3 of 24
SPECIFICATIONS
TA = TMIN to TMAX, VCC = VMIN to VMAX, VEE = 0 V, CF = 0.47 μF, SLICEP = SLICEN = VEE, input data pattern: PRBS 223 − 1,
unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
QUANTIZER—DC CHARACTERISTICS
Input Voltage Range
@ PIN or NIN, dc-coupled
1.8
2.8
V
Peak-to-Peak Differential Input
PIN − NIN
2.0
V
Input Common-Mode Level
DC-coupled (see Figure 27, Figure 28, and Figure 29)
2.3
2.5
2.8
V
Differential Input Sensitivity
223 − 1 PRBS, ac-coupled,1 BER = 1 × 10–10
6
3.3
mV p-p
Input Offset
500
μV
Input RMS Noise
BER = 1 × 10–10
290
μV rms
QUANTIZER—AC CHARACTERISTICS
Data Rate
622
Mbps
Output Clock Range
Absence of input data
622 ± 5%
MHz
S11
@ 622 MHz
−15
dB
Input Resistance
Differential
100
Ω
Input Capacitance
0.65
pF
QUANTIZER—SLICE ADJUSTMENT
Gain
SLICEP − SLICEN = ±0.5 V
0.10
0.11
0.13
V/V
Differential Control Voltage Input
SLICEP − SLICEN
−0.95
+0.95
V
Control Voltage Range
DC level @ SLICEP or SLICEN
VEE
0.95
V
Slice Threshold Offset
1
mV
LOSS-OF-SIGNAL (LOS) DETECT
Loss-of-Signal Detect Range (see Figure 6)
RTHRESH = 0 Ω
14.9
16.7
18.4
mV
RTHRESH = 100 kΩ
2.6
3.5
4.4
mV
Hysteresis (Electrical)
OC-12
RTHRESH = 0 Ω
6.2
6.9
7.7
dB
RTHRESH = 100 kΩ
4.1
6.1
8.1
dB
LOS Assert Time
DC-coupled2
500
ns
LOS Deassert Time
DC-coupled2
400
ns
LOSS-OF-LOCK (LOL) DETECT
VCO Frequency Error for LOL Assert
With respect to nominal
1000
ppm
VCO Frequency Error for LOL Deassert
With respect to nominal
250
ppm
LOL Response Time
OC-12
200
μs
ACQUISITION TIME
Lock to Data Mode
OC-12
2.0
ms
Optional Lock to REFCLK Mode
20.0
ms
DATA RATE READBACK ACCURACY
Fine Readback
In addition to REFCLK accuracy
OC-12
100
ppm
POWER SUPPLY VOLTAGE
3.0
3.3
3.6
V
POWER SUPPLY CURRENT
Locked to 622.08 Mbps
128
mA
OPERATING TEMPERATURE RANGE
–40
+85
°C
1 PIN and NIN should be differentially driven and ac-coupled for optimum sensitivity.
2 When ac-coupled, the LOS assert and deassert times are dominated by the RC time constant of the ac coupling capacitor and the 50 Ω input termination of the
ADN2804 input stage.


Similar Part No. - ADN2804

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2804 AD-ADN2804_15 Datasheet
418Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. D
More results

Similar Description - ADN2804

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2804 AD-ADN2804_15 Datasheet
418Kb / 24P
   622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier
REV. D
ADN2806 AD-ADN2806 Datasheet
408Kb / 20P
   622 Mbps Clock and Data Recovery IC
REV. 0
ADN2807 AD-ADN2807 Datasheet
363Kb / 20P
   155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2807 AD-ADN2807_15 Datasheet
534Kb / 20P
   155/622 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
logo
Maxim Integrated Produc...
MAX3676 MAXIM-MAX3676_09 Datasheet
274Kb / 15P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Rev 4; 3/09
MAX3676 MAXIM-MAX3676 Datasheet
181Kb / 16P
   622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1537; Rev 0; 7/99
MAX3872 MAXIM-MAX3872 Datasheet
580Kb / 13P
   Multirate Clock and Data Recovery with Limiting Amplifier
Rev 1; 5/03
MAX3991 MAXIM-MAX3991 Datasheet
261Kb / 12P
   10Gbps Clock and Data Recovery with Limiting Amplifier
Rev 0; 11/04
MAX3872 MAXIM-MAX3872_V01 Datasheet
1,001Kb / 15P
   Multirate Clock and Data Recovery with Limiting Amplifier
19-2709; Rev 3; 2/07
logo
Analog Devices
ADN2855 AD-ADN2855 Datasheet
369Kb / 20P
   Multirate 155 Mbps/622 Mbps/1244 Mbps/1250 Mbps Burst Mode Clock and Data Recovery IC with Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com