Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH303-PCB Datasheet(PDF) 1 Page - WJ Communication. Inc.

Part # MH303-PCB
Description  Cellular-Band Quad-FET Mixer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

MH303-PCB Datasheet(HTML) 1 Page - WJ Communication. Inc.

  MH303-PCB Datasheet HTML 1Page - WJ Communication. Inc. MH303-PCB Datasheet HTML 2Page - WJ Communication. Inc. MH303-PCB Datasheet HTML 3Page - WJ Communication. Inc. MH303-PCB Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications and infor mation are subject to change without notice
WJ Communications, Inc
• Phone 1-800- WJ1-4401 • FAX: 408-577-6621 • e- mail: sales@wj.com • Web site: www.wj.com
October 2004
MH303
Cellular-Band Quad-FET Mixer
Product Information
Product Features
+28 dBm IIP3
RF 820 – 920 MHz
IF 20 – 100 MHz
ISO & EPC compliant
Low-side LO configuration
+13 dBm LO Drive Level
High L-I & L-R Isolation (>38 dB)
6-pin 3x3 mm DFN lead-free/
green/RoHS-compliant
Package
No External Bias Required
Applications
RFID: UHF
Readers
Industrial
Portable
Handheld
Product Description
The MH303 is a passive Quad-MOSFET mixer that
provides high dynamic range performance in a low cost
3x3 mm 6-pin DFN (Dual Flat No-Lead) lead-
free/green/RoHS-compliant package.
WJ’s MH303 uses patented techniques to realize +28
dBm Input IP3 at an LO drive level of +13 dBm when
used in a simple application circuit with a low-side LO
configuration. The LO can also be driven with higher
power levels up +20 dBm to achieve higher IP3
performance. This mixer integrates internal circuitry to
provide single-ended interfaces for the RF & LO ports.
Typical
applications
include
frequency
up/down
conversion, modulation and demodulation for receivers
and transmitters used in various current and next
generation RFID technologies such as EPC, ISO, ETSI,
and ANSI.
Their small size makes them ideal for
PCMCIA applications.
Functional Diagram
MH303
IF1
GND
LO
IF2
GND
RF
4
5
6
3
2
1
Function
Pin No.
IF Differential Input
1
LO port
3
RF port
4
IF differential Input
6
Ground
2, 5
Specifications
Parameters
Units
Minimum
Typical
Maximum Comments
RF Frequency Range
MHz
820
920
LO Frequency Range
MHz
720
900
IF Frequency Range
MHz
20
70
100
See note 2
SSB Conversion Loss
dB
7.5
8.0
See note 3
Input IP3
dBm
+26
+27
RF = 820 MHz, See note 4
Input IP3
dBm
+27
+28
RF = 870 MHz, See note 4
Input IP3
dBm
+26
+27
RF = 920 MHz, See note 4
Input 1 dB Compression Point
dBm
+17.5
See note 5
Noise Figure
dB
8
LO Input Drive Level
dBm
+13
LO-RF Isolation
dB
35
38
LO freq = 750 – 850 MHz
LO-IF Isolation
dB
40
44
LO freq = 750 – 850 MHz
Return Loss: RF Port
dB
18
Return Loss: LO Port
dB
12
Return Loss: IF Port
dB
10
1. Data was taken using an application board in a 50
Ωsystem, with a low side LO at +13 dBm in a downconverting application at 25°C with an IF frequency = 70 MHz.
2. An IF frequency of 70 MHz is a nominal frequency. The IF frequency can be specified by the user within the constraints of the specified minimum and maximum RF and LO frequency range.
3. The conversion loss includes the loss of an IF transformer (M/A COM ETC1-1-13, nominal loss 0.7 dB at 70 MHz).
4. Input IP3 is measured with two tones with an input power of +3 dBm / tone separated by 1 MHz.
5. Although the input P1dB level is much higher, the continuous RF input power should not exceed +12 dBm. Operation above +12 dBm may cause permanent damage.
Absolute Maximum Ratings
Parameters
Rating
Operating Case Temperature
-40° to +85
° C
Storage Temperature
-40° to +125° C
LO Input Power
+20 dBm
RF Input Power
+12 dBm
Operation of this device above any of these parameters may cause permanent damage.
Ordering Information
Part No.
Description
MH303
Cellular-band Quad-FET Mixer
(lead-tin plated pins)
MH303-G
Cellular-band Quad-FET Mixer
(lead-free/green/RoHS-compliant Package)
MH303-PCB
Fully -Assembled MH303 Application Board


Similar Part No. - MH303-PCB

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
MH303-PCB WJCI-MH303-PCB Datasheet
144Kb / 4P
   Cellular-band Quad-FET Mixer
MH303-PCB WJCI-MH303-PCB Datasheet
103Kb / 3P
   Cellular-band Quad-FET Mixer
More results

Similar Description - MH303-PCB

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
MH303 WJCI-MH303_06 Datasheet
103Kb / 3P
   Cellular-band Quad-FET Mixer
MH303 WJCI-MH303 Datasheet
144Kb / 4P
   Cellular-band Quad-FET Mixer
MH302 WJCI-MH302 Datasheet
103Kb / 3P
   PCS/UMTS-band Quad-FET Mixer
logo
List of Unclassifed Man...
MH203 ETC-MH203 Datasheet
140Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
logo
WJ Communication. Inc.
MH203-RFID WJCI-MH203-RFID Datasheet
153Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH203A WJCI-MH203A Datasheet
191Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
MH205-RFID WJCI-MH205-RFID Datasheet
144Kb / 4P
   High Linearity Cellular-Band MMIC Mixer
logo
Skyworks Solutions Inc.
SKY77573 SKYWORKS-SKY77573_21 Datasheet
84Kb / 2P
   Quad-band cellular handsets encompassing
SKY77576 SKYWORKS-SKY77576_11 Datasheet
85Kb / 2P
   Quad-band cellular handsets encompassing
SKY77585 SKYWORKS-SKY77585 Datasheet
88Kb / 2P
   Quad-band cellular handsets encompassing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com