Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS2551SNT1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCS2551SNT1G
Description  500 MHz Voltage Feedback Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2551SNT1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCS2551SNT1G Datasheet HTML 2Page - ON Semiconductor NCS2551SNT1G Datasheet HTML 3Page - ON Semiconductor NCS2551SNT1G Datasheet HTML 4Page - ON Semiconductor NCS2551SNT1G Datasheet HTML 5Page - ON Semiconductor NCS2551SNT1G Datasheet HTML 6Page - ON Semiconductor NCS2551SNT1G Datasheet HTML 7Page - ON Semiconductor NCS2551SNT1G Datasheet HTML 8Page - ON Semiconductor NCS2551SNT1G Datasheet HTML 9Page - ON Semiconductor NCS2551SNT1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NCS2551
http://onsemi.com
6
AC ELECTRICAL CHARACTERISTICS (VCC = +2.5 V, VEE = −2.5 V, TA = −40°C to +85°C, RL = 150 W to GND, RF = 150 W,
AV = +2.0, Enable is left open, unless otherwise specified).
Symbol
Characteristic
Conditions
Min
Typ
Max
Unit
FREQUENCY DOMAIN PERFORMANCE
BW
Bandwidth
3.0 dB Small Signal
3.0 dB Large Signal
AV = +2.0, VO = 0.5 Vp−p
AV = +2.0, VO = 1.0 Vp−p
400
200
MHz
GF0.1dB
0.1 dB Gain Flatness
Bandwidth
AV = +2.0
10
MHz
dG
Differential Gain
AV = +2.0, RL = 150 W, f = 3.58 MHz
0.07
%
dP
Differential Phase
AV = +2.0, RL = 150 W, f = 3.58 MHz
0.06
°
TIME DOMAIN RESPONSE
SR
Slew Rate
AV = +2.0, Vstep = 1.0 V
800
V/
ms
ts
Settling Time
0.1%
AV = +2.0, Vstep = 1.0 V
10
ns
tr tf
Rise and Fall Time
(10%−90%) AV = +2.0, Vstep = 1.0 V
2.2
ns
HARMONIC/NOISE PERFORMANCE
THD
Total Harmonic Distortion
f = 5.0 MHz, VO = 1.0 Vp−p
−59
dB
HD2
2nd Harmonic Distortion
f = 5.0 MHz, VO = 1.0 Vp−p
−60
dBc
HD3
3rd Harmonic Distortion
f = 5.0 MHz, VO = 1.0 Vp−p
−67
dBc
IP3
Third−Order Intercept
f = 10 MHz, VO = 0.5 Vp−p
35
dBm
SFDR
Spurious−Free Dynamic
Range
f = 5.0 MHz, VO = 1.0 Vp−p
60
dBc
eN
Input Referred Voltage Noise
f = 1.0 MHz
6.0
nV
Hz
iN
Input Referred Current Noise
f = 1.0 MHz
3.0
pA
Hz


Similar Part No. - NCS2551SNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2551 ONSEMI-NCS2551 Datasheet
3Mb / 4P
   Low Power,High Speed,Current Feedback Op Amps
Rev.1, Apr-2006
More results

Similar Description - NCS2551SNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2550 ONSEMI-NCS2550 Datasheet
289Kb / 12P
   750 MHz Voltage Feedback Op Amp
May, 2006 ??Rev. 2
logo
National Semiconductor ...
LMH6609 NSC-LMH6609 Datasheet
641Kb / 15P
   900MHz Voltage Feedback Op Amp
logo
Texas Instruments
OPA837_1809 TI1-OPA837_1809 Datasheet
2Mb / 58P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837 TI1-OPA837_18 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
logo
National Semiconductor ...
CLC420 NSC-CLC420 Datasheet
286Kb / 10P
   High-Speed, Voltage Feedback Op Amp
logo
Texas Instruments
LMH6609 TI1-LMH6609 Datasheet
1Mb / 26P
[Old version datasheet]   LMH6609 900MHz Voltage Feedback Op Amp
logo
ON Semiconductor
NCS2552SNT1G ONSEMI-NCS2552SNT1G Datasheet
272Kb / 13P
   750 MHz Voltage Feedback Op Amp with Fast Enable Feature
May, 2006 ??Rev. 1
logo
Texas Instruments
OPA838 TI1-OPA838 Datasheet
1Mb / 41P
[Old version datasheet]   1-mA, 300-MHz Gain Bandwidth, Voltage-Feedback Op Amp
logo
ON Semiconductor
NCS2552 ONSEMI-NCS2552 Datasheet
266Kb / 13P
   750 MHz Voltage Feedback Op Amp with Fast Enable Feature
May, 2006 ??Rev. 1
NCS2540 ONSEMI-NCS2540_07 Datasheet
366Kb / 14P
   Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
February, 2007 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com