Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLW32 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BLW32
Description  UHF linear power transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW32 Datasheet(HTML) 4 Page - NXP Semiconductors

  BLW32 Datasheet HTML 1Page - NXP Semiconductors BLW32 Datasheet HTML 2Page - NXP Semiconductors BLW32 Datasheet HTML 3Page - NXP Semiconductors BLW32 Datasheet HTML 4Page - NXP Semiconductors BLW32 Datasheet HTML 5Page - NXP Semiconductors BLW32 Datasheet HTML 6Page - NXP Semiconductors BLW32 Datasheet HTML 7Page - NXP Semiconductors BLW32 Datasheet HTML 8Page - NXP Semiconductors BLW32 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
August 1986
4
Philips Semiconductors
Product specification
UHF linear power transistor
BLW32
Example
Nominal class-A operation: VCE = 25 V; IC = 150 mA; Th =70 °C.
Fig.4 shows:
Rth j-h
max.
15,6 K/W
Tj
max.
130
°C
Typical device:
Rth j-h
typ.
13,5 K/W
Tj
typ.
120
°C
Fig.4
Maximum thermal resistance from junction to heatsink as a function of power dissipation, with heatsink
and junction temperature as parameters. (Rth mb-h = 0,6 K/W.)
handbook, full pagewidth
15
20
Rth j-h
(K/W)
10
0
Ptot (W)
MGP431
15
10
5
Th = 125 °C
50
°C
25
°C
0
°C
Tj = 200 °C
100
°C
175
°C
125
°C
75
°C
150
°C
100
°C
75
°C


Similar Part No. - BLW32

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
BLW32 ASI-BLW32 Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
BLW32 NJSEMI-BLW32 Datasheet
92Kb / 3P
   UHF linear power transistor
More results

Similar Description - BLW32

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLW33 PHILIPS-BLW33 Datasheet
81Kb / 12P
   UHF linear power transistor
August 1986
logo
Motorola, Inc
TPV7025 MOTOROLA-TPV7025 Datasheet
79Kb / 4P
   UHF LINEAR POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
BLV59 NJSEMI-BLV59 Datasheet
134Kb / 4P
   UHF linear power transistor
TPV598 NJSEMI-TPV598 Datasheet
76Kb / 2P
   UHF Linear Power Transistor
logo
NXP Semiconductors
BLW34 PHILIPS-BLW34 Datasheet
80Kb / 12P
   UHF linear power transistor
August 1986
logo
New Jersey Semi-Conduct...
TPV595A NJSEMI-TPV595A Datasheet
96Kb / 2P
   UHF Linear Power Transistor
logo
NXP Semiconductors
BLW98 PHILIPS-BLW98 Datasheet
80Kb / 13P
   UHF linear power transistor
August 1986
logo
Motorola, Inc
TP3024B MOTOROLA-TP3024B Datasheet
50Kb / 2P
   UHF LINEAR POWER TRANSISTOR
TPV597 MOTOROLA-TPV597 Datasheet
95Kb / 4P
   UHF LINEAR POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
BLW34 NJSEMI-BLW34 Datasheet
125Kb / 4P
   UHF linear power transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com