Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLW33 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLW33
Description  UHF linear power transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW33 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLW33 Datasheet HTML 3Page - NXP Semiconductors BLW33 Datasheet HTML 4Page - NXP Semiconductors BLW33 Datasheet HTML 5Page - NXP Semiconductors BLW33 Datasheet HTML 6Page - NXP Semiconductors BLW33 Datasheet HTML 7Page - NXP Semiconductors BLW33 Datasheet HTML 8Page - NXP Semiconductors BLW33 Datasheet HTML 9Page - NXP Semiconductors BLW33 Datasheet HTML 10Page - NXP Semiconductors BLW33 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
August 1986
7
Philips Semiconductors
Product specification
UHF linear power transistor
BLW33
APPLICATION INFORMATION
Note
1. Three-tone test method (vision carrier
−8 dB, sound carrier −7 dB, sideband signal −16 dB), zero dB corresponds to
peak sync level.
List of components:
fvision (MHz)
VCE (V)
IC (mA)
Th (°C)
dim (dB) (1)
Po sync (W) (1)
GP (dB)
860
25
300
70
−60
>
1,0
>
10
860
25
300
70
−60
typ.
1,07
typ.
10,5
860
25
300
25
−60
typ.
1,15
typ.
10,5
C1 = C3 = 2 to 18 pF film dielectric trimmer (cat. no. 2222 809 05003)
C2 = C6 = C8 = 1 to 3,5 pF film dielectric trimmer (cat. no. 2222 809 05001) placed 24 mm, 8 mm
and 46 mm respectively from transistor edge
C4 = C5 = 4,3 pF multilayer ceramic chip capacitor (ATC 100A-4R3-C-PX-50)
C7 = 1,8 to 10 pF film dielectric trimmer (cat. no. 2222 809 05002)
C9 = C12 = 1 nF chip capacitor
C10 = 100 nF polyester capacitor
C11 = C13 = 470 nF polyester capacitor
C14 = 10 nF polyester capacitor
C15 = 3,3
µF/40 F solid aluminium electrolytic capacitor
L1 = stripline (5,2 mm
× 4,5 mm)
L2 = stripline (13,2 mm
× 4,5 mm)
L3 = stripline (15,0 mm
× 4,5 mm)
L4 = micro choke 0,47
µH (cat. no. 4322 057 04770)
L5 = stripline (see Fig.9 printed-circuit board layout)
L6 = 4 turns closely wound enamelled Cu wire (1,0 mm); int. dia. 5,5 mm; leads 2
× 4 mm
L7 = stripline (37,0 mm
× 4,5 mm)
L8 = stripline (13,5 mm
× 4,5 mm)
Fig.8 Test circuit at fvision = 860 MHz.
handbook, full pagewidth
MGP448
+VBB
+VCC
50
L1
L2
L3
T.U.T.
C1
C3
C4
L4
C9
C2
C10
C11
C12
C13
C14
C15
L6
C5
C8
C6
L8
C7
L7
L5
50


Similar Part No. - BLW33

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
BLW33 ASI-BLW33 Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
BLW33 NJSEMI-BLW33 Datasheet
98Kb / 3P
   UHF linear power transistor
More results

Similar Description - BLW33

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TPV7025 MOTOROLA-TPV7025 Datasheet
79Kb / 4P
   UHF LINEAR POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
BLV59 NJSEMI-BLV59 Datasheet
134Kb / 4P
   UHF linear power transistor
TPV598 NJSEMI-TPV598 Datasheet
76Kb / 2P
   UHF Linear Power Transistor
logo
NXP Semiconductors
BLW34 PHILIPS-BLW34 Datasheet
80Kb / 12P
   UHF linear power transistor
August 1986
logo
New Jersey Semi-Conduct...
TPV595A NJSEMI-TPV595A Datasheet
96Kb / 2P
   UHF Linear Power Transistor
logo
NXP Semiconductors
BLW98 PHILIPS-BLW98 Datasheet
80Kb / 13P
   UHF linear power transistor
August 1986
logo
Motorola, Inc
TP3024B MOTOROLA-TP3024B Datasheet
50Kb / 2P
   UHF LINEAR POWER TRANSISTOR
TPV597 MOTOROLA-TPV597 Datasheet
95Kb / 4P
   UHF LINEAR POWER TRANSISTOR
logo
NXP Semiconductors
BLW32 PHILIPS-BLW32 Datasheet
81Kb / 12P
   UHF linear power transistor
August 1986
logo
New Jersey Semi-Conduct...
BLW34 NJSEMI-BLW34 Datasheet
125Kb / 4P
   UHF linear power transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com