Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS9431 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NLAS9431
Description  Low Voltage Single Supply Dual DPDT Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS9431 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NLAS9431 Datasheet HTML 2Page - ON Semiconductor NLAS9431 Datasheet HTML 3Page - ON Semiconductor NLAS9431 Datasheet HTML 4Page - ON Semiconductor NLAS9431 Datasheet HTML 5Page - ON Semiconductor NLAS9431 Datasheet HTML 6Page - ON Semiconductor NLAS9431 Datasheet HTML 7Page - ON Semiconductor NLAS9431 Datasheet HTML 8Page - ON Semiconductor NLAS9431 Datasheet HTML 9Page - ON Semiconductor NLAS9431 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
NLAS9431
http://onsemi.com
6
Figure 4. tBBM (Time Break−Before−Make)
Output
DUT
300
W
35 pF
VIS
Switch Select Pin
90%
Output
Input
VIS
GND
90% of VOH
GND
Figure 5. tON/tOFF
50%
50%
90%
90%
tON
tOFF
VOH
Output
Input
VCC
0 V
Figure 6. tON/tOFF
DUT
Open
35 pF
VIS
Input
50%
50%
10%
tON
tOFF
Output
Input
VCC
0 V
10%
300
W
0.1
mF
tBMM
Output
VOUT
VOL
VOUT
VOH
VOL
DUT
Open
VIS
Input
Output
300
W
35 pF
VOUT
0.1
mF


Similar Part No. - NLAS9431

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS9031 ONSEMI-NLAS9031 Datasheet
164Kb / 10P
   SPDT Switch
April, 2007 ??Rev. 0
NLAS9031DFT2G ONSEMI-NLAS9031DFT2G Datasheet
164Kb / 10P
   SPDT Switch
April, 2007 ??Rev. 0
NLAS9031MTR2G ONSEMI-NLAS9031MTR2G Datasheet
164Kb / 10P
   SPDT Switch
April, 2007 ??Rev. 0
NLAS9041 ONSEMI-NLAS9041 Datasheet
171Kb / 9P
   SPDT, Switch
April, 2007 ??Rev. 0
NLAS9041DFT2G ONSEMI-NLAS9041DFT2G Datasheet
171Kb / 9P
   SPDT, Switch
April, 2007 ??Rev. 0
More results

Similar Description - NLAS9431

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS44599DTR2G ONSEMI-NLAS44599DTR2G Datasheet
175Kb / 13P
   Low Voltage Single Supply Dual DPDT Analog Switch
July, 2008 ??Rev. 14
NLAST9431 ONSEMI-NLAST9431 Datasheet
101Kb / 11P
   Low Voltage Single Supply Dual DPDT Analog Switch
January, 2006 ??Rev. 0
NLAS44599 ONSEMI-NLAS44599 Datasheet
167Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
April, 2005 ??Rev. 13
NLAST44599 ONSEMI-NLAST44599_10 Datasheet
148Kb / 13P
   Low Voltage Single Supply Dual DPDT Analog Switch
November, 2010 ??Rev. 9
NLAST44599 ONSEMI-NLAST44599 Datasheet
90Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
August, 2002 ??Rev. 5
NLAST44599 ONSEMI-NLAST44599_05 Datasheet
147Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
February, 2005 ??Rev. 7
logo
Intersil Corporation
ISL43410IU INTERSIL-ISL43410IU Datasheet
490Kb / 13P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
May 12, 2008
logo
Renesas Technology Corp
ISL43410 RENESAS-ISL43410 Datasheet
825Kb / 14P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
logo
Intersil Corporation
ISL43410 INTERSIL-ISL43410_06 Datasheet
422Kb / 13P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
logo
ON Semiconductor
FSA2467 ONSEMI-FSA2467 Datasheet
1,017Kb / 13P
   Low-Voltage Dual DPDT Analog Switch
March 2013 Rev. 1.0.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com