Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLAS9431 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLAS9431
Description  Low Voltage Single Supply Dual DPDT Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS9431 Datasheet(HTML) 1 Page - ON Semiconductor

  NLAS9431 Datasheet HTML 1Page - ON Semiconductor NLAS9431 Datasheet HTML 2Page - ON Semiconductor NLAS9431 Datasheet HTML 3Page - ON Semiconductor NLAS9431 Datasheet HTML 4Page - ON Semiconductor NLAS9431 Datasheet HTML 5Page - ON Semiconductor NLAS9431 Datasheet HTML 6Page - ON Semiconductor NLAS9431 Datasheet HTML 7Page - ON Semiconductor NLAS9431 Datasheet HTML 8Page - ON Semiconductor NLAS9431 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 0
1
Publication Order Number:
NLAS9431/D
NLAS9431
Low Voltage Single Supply
Dual DPDT Analog Switch
The NLAS9431 is an advanced dual−independent CMOS double
pole−double throw (DPDT) analog switch fabricated with silicon
gate CMOS technology. It achieves high speed propagation delays
and low ON resistances while maintaining CMOS low power
dissipation. This DPDT controls analog and digital voltages that may
vary across the full power−supply range (from VCC to GND).
The device has been designed so the ON resistance (RON) is much
lower and more linear over input voltage than RON of typical CMOS
analog switches.
The channel select input is compatible with standard CMOS outputs.
The channel select input structure provides protection when
voltages between 0 V and 5.5 V are applied, regardless of the supply
voltage. This input structure helps prevent device destruction caused
by supply voltage − input/output voltage mismatch, battery backup,
hot insertion, etc.
The NLAS9431 can also be used as a quad 2−to−1 multiplexer−
demultiplexer analog switch with two Select pins that each controls
two multiplexer−demultiplexers.
Direct Battery Connection
Channel Select Input Over−Voltage Tolerant to 5.5 V
Fast Switching and Propagation Speeds
Break−Before−Make Circuitry
Low Power Dissipation: ICC = 2 mA (Max) at TA = 25°C
Diode Protection Provided on Channel Select Input
Improved Linearity and Lower ON Resistance over Input Voltage
Latch−up Performance Exceeds 300 mA
Chip Complexity: 158 FETs
16−Lead WQFN Package, 1.8 mm x 2.6 mm
This is a Pb−Free Device
MARKING
DIAGRAMS
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
BA
= Specific Device Code
M
= Date Code & Assembly Location
G
= Pb−Free Device
WQFN16
CASE 488AP
http://onsemi.com
BA M
G
16
1


Similar Part No. - NLAS9431

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS9031 ONSEMI-NLAS9031 Datasheet
164Kb / 10P
   SPDT Switch
April, 2007 ??Rev. 0
NLAS9031DFT2G ONSEMI-NLAS9031DFT2G Datasheet
164Kb / 10P
   SPDT Switch
April, 2007 ??Rev. 0
NLAS9031MTR2G ONSEMI-NLAS9031MTR2G Datasheet
164Kb / 10P
   SPDT Switch
April, 2007 ??Rev. 0
NLAS9041 ONSEMI-NLAS9041 Datasheet
171Kb / 9P
   SPDT, Switch
April, 2007 ??Rev. 0
NLAS9041DFT2G ONSEMI-NLAS9041DFT2G Datasheet
171Kb / 9P
   SPDT, Switch
April, 2007 ??Rev. 0
More results

Similar Description - NLAS9431

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS44599DTR2G ONSEMI-NLAS44599DTR2G Datasheet
175Kb / 13P
   Low Voltage Single Supply Dual DPDT Analog Switch
July, 2008 ??Rev. 14
NLAST9431 ONSEMI-NLAST9431 Datasheet
101Kb / 11P
   Low Voltage Single Supply Dual DPDT Analog Switch
January, 2006 ??Rev. 0
NLAS44599 ONSEMI-NLAS44599 Datasheet
167Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
April, 2005 ??Rev. 13
NLAST44599 ONSEMI-NLAST44599_10 Datasheet
148Kb / 13P
   Low Voltage Single Supply Dual DPDT Analog Switch
November, 2010 ??Rev. 9
NLAST44599 ONSEMI-NLAST44599 Datasheet
90Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
August, 2002 ??Rev. 5
NLAST44599 ONSEMI-NLAST44599_05 Datasheet
147Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
February, 2005 ??Rev. 7
logo
Intersil Corporation
ISL43410IU INTERSIL-ISL43410IU Datasheet
490Kb / 13P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
May 12, 2008
logo
Renesas Technology Corp
ISL43410 RENESAS-ISL43410 Datasheet
825Kb / 14P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
logo
Intersil Corporation
ISL43410 INTERSIL-ISL43410_06 Datasheet
422Kb / 13P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
logo
ON Semiconductor
FSA2467 ONSEMI-FSA2467 Datasheet
1,017Kb / 13P
   Low-Voltage Dual DPDT Analog Switch
March 2013 Rev. 1.0.8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com