Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLW76 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLW76
Description  HF/VHF power transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLW76 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLW76 Datasheet HTML 2Page - NXP Semiconductors BLW76 Datasheet HTML 3Page - NXP Semiconductors BLW76 Datasheet HTML 4Page - NXP Semiconductors BLW76 Datasheet HTML 5Page - NXP Semiconductors BLW76 Datasheet HTML 6Page - NXP Semiconductors BLW76 Datasheet HTML 7Page - NXP Semiconductors BLW76 Datasheet HTML 8Page - NXP Semiconductors BLW76 Datasheet HTML 9Page - NXP Semiconductors BLW76 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
August 1986
6
Philips Semiconductors
Product specification
HF/VHF power transistor
BLW76
APPLICATION INFORMATION
R.F. performance in s.s.b. class-AB operation (linear power amplifier)
VCE = 28 V; Th = 25 °C; f1 = 28,000 MHz; f2 = 28,001 MHz
OUTPUT POWER
Gp
ηdt (%)
IC (A)
d3
d5
IC(ZS)
W
dB
at 80 W P.E.P.
dB
dB
A
8 to 80 (P.E.P.)
> 13
> 35
< 4,1
<−30
<−30
0,05
Fig.8 Test circuit; s.s.b. class-AB.
handbook, full pagewidth
50
MGP505
50
C8
C7
C10
R7
C9
R3
L2
L1
R6
L5
T.U.T.
BD228
BD443
L3
L4
C13
C12
C11
C14
C15
C16
C2
C1
C3
C4
R2
R5
R1
R4
C6
C5
+VCC


Similar Part No. - BLW76

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
BLW76 ASI-BLW76 Datasheet
19Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
BLW76 NJSEMI-BLW76 Datasheet
80Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
eleflow technologies co...
BLW76 ELEFLOW-BLW76 Datasheet
60Kb / 2P
   HF/VHF power transistor
More results

Similar Description - BLW76

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BLW96 NJSEMI-BLW96 Datasheet
127Kb / 4P
   HF/VHF power transistor
logo
NXP Semiconductors
BLW96 PHILIPS-BLW96 Datasheet
89Kb / 14P
   HF/VHF power transistor
August 1986
logo
New Jersey Semi-Conduct...
BLW86 NJSEMI-BLW86 Datasheet
126Kb / 4P
   HF/VHF power transistor
logo
eleflow technologies co...
BLW76 ELEFLOW-BLW76 Datasheet
60Kb / 2P
   HF/VHF power transistor
BLW86 ELEFLOW-BLW86 Datasheet
44Kb / 1P
   HF/VHF power transistor
logo
NXP Semiconductors
BLW86 PHILIPS-BLW86 Datasheet
117Kb / 15P
   HF/VHF power transistor
August 1986
BLW83 PHILIPS-BLW83 Datasheet
79Kb / 11P
   HF/VHF power transistor
August 1986
logo
eleflow technologies co...
BLW50F ELEFLOW-BLW50F Datasheet
39Kb / 1P
   HF/VHF power transistor
BLW78 ELEFLOW-BLW78 Datasheet
388Kb / 13P
   HF/VHF power transistor
BLW83 ELEFLOW-BLW83 Datasheet
59Kb / 2P
   HF/VHF power transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com