Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3402UFA Datasheet(PDF) 1 Page - Voltage Multipliers Inc.

Part # 3402UFA
Description  200 V - 1,000 V Three Phase Bridge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

3402UFA Datasheet(HTML) 1 Page - Voltage Multipliers Inc.

  3402UFA Datasheet HTML 1Page - Voltage Multipliers Inc. 3402UFA Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
257
VOLTAGE MULTIPLIERS INC.
8711 W. Roosevelt Ave.
Visalia, CA 93291
TEL
559-651-1402
FAX
559-651-0740
www.voltagemultipliers.com
11
2.25(57.2)
.38(9.7)
.19(4.8)
.75
(19.05)
1.50(38.1)
.375(9.5)
.169(4.29)
Thru (2 PL)
.82(20.8)
MAX.
.125
(3.2)
1.875(47.6)
.187(4.8)
.41(10.4)
Aluminum Case
.31(7.9)
.25(6.4) (2 PL)
.375(9.5)
AC AC AC
+
_
AC
AC
AC
_
+
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Dimensions: In. (mm) • All temperatures are ambient unless otherwise noted. • Data subject to change without notice.
(1)Trr Testing: If=0.5A, Ir=1.0A, Irr=0.25A *Op. Temp. & Stg. Temp. = -55°C to +150°C Isolation Voltage: 2000V
200 V - 1,000 V Three Phase Bridge
18.0 A - 20.0 A Forward Current
70 ns - 3000 ns Recovery Time
3402A - 3410A
3402FA - 3410FA
3402UFA - 3410UFA
r
e
b
m
u
N
t
r
a
Pg
n
i
k
r
o
W
e
s
r
e
v
e
R
e
g
a
t
l
o
V
)
m
w
r
V
(
e
g
a
r
e
v
A
d
e
i
f
i
t
c
e
R
t
n
e
r
r
u
C
C
T
@
)
o
I
(
e
s
r
e
v
e
R
t
n
e
r
r
u
C
m
w
r
V
@
)
r
I
(
d
r
a
w
r
o
F
e
g
a
t
l
o
V
)
f
V
(
e
l
c
y
C
1
e
g
r
u
S
t
n
e
r
r
u
C
s
m
3
.
8
=
p
t
)
m
s
f
I
(
e
v
i
t
i
t
e
p
e
R
e
g
r
u
S
t
n
e
r
r
u
C
)
m
r
f
I
(
e
s
r
e
v
e
R
y
r
e
v
o
c
e
R
e
m
i
T
)
1
(
)
r
r
T
(
l
a
m
r
e
h
T
.
d
p
m
I
u C-
J
C
°
5
5C
°
0
0
1C
°
5
2C
°
0
0
1C
°
5
2C
°
5
2C
°
5
2C
°
5
2
s
t
l
o
Vs
p
m
As
p
m
AA
µA
µs
t
l
o
Vs
p
m
As
p
m
As
p
m
As
nW
/
C
°
A
2
0
4
3
A
6
0
4
3
A
0
1
4
3
0
0
2
0
0
6
0
0
0
1
0
.
0
2
0
.
0
2
0
.
0
2
0
.
3
1
0
.
3
1
0
.
3
1
0
.
1
0
.
1
0
.
1
5
2
5
2
5
2
2
.
1
2
.
1
5
.
1
0
.
9
0
.
9
0
.
9
0
5
1
0
5
1
0
5
1
5
2
5
2
5
2
0
0
0
3
0
0
0
3
0
0
0
3
2
.
2
2
.
2
2
.
2
A
F
2
0
4
3
A
F
6
0
4
3
A
F
0
1
4
3
0
0
2
0
0
6
0
0
0
1
0
.
0
2
0
.
0
2
0
.
0
2
5
.
2
1
5
.
2
1
5
.
2
1
0
.
1
0
.
1
0
.
1
5
2
5
2
5
2
5
.
1
5
.
1
7
.
1
0
.
9
0
.
9
0
.
9
0
0
1
0
0
1
0
0
1
0
2
0
2
0
2
0
5
1
0
5
1
0
5
1
2
.
2
2
.
2
2
.
2
A
F
U
2
0
4
3
A
F
U
6
0
4
3
A
F
U
0
1
4
3
0
0
2
0
0
6
0
0
0
1
0
.
8
1
0
.
8
1
0
.
8
1
0
.
2
1
0
.
2
1
0
.
2
1
0
.
1
0
.
1
0
.
1
5
2
5
2
5
2
0
.
2
0
.
2
0
.
2
0
.
9
0
.
9
0
.
9
0
0
1
0
0
1
0
0
1
0
2
0
2
0
2
0
7
0
7
0
7
2
.
2
2
.
2
2
.
2


Similar Part No. - 3402UFA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3402UFB ETC1-3402UFB Datasheet
252Kb / 2P
   200 V - 1,000 V Three Phase Bridge
logo
Voltage Multipliers Inc...
3402UFB VMI-3402UFB Datasheet
261Kb / 2P
   200 V - 1,000 V Three Phase Bridge 18.0 A - 20.0 A Forward Current 70 ns - 3000 ns Recovery Time
More results

Similar Description - 3402UFA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3202 ETC-3202 Datasheet
232Kb / 2P
   200 V - 1,000 V Three Phase Bridge
3402B ETC1-3402B Datasheet
252Kb / 2P
   200 V - 1,000 V Three Phase Bridge
1302 ETC-1302 Datasheet
138Kb / 2P
   200 V - 1,000 V Single Phase Bridge
logo
Voltage Multipliers Inc...
1102B VMI-1102B Datasheet
78Kb / 2P
   200 V - 1,000 V Single Phase Bridge
logo
List of Unclassifed Man...
1202D ETC-1202D Datasheet
66Kb / 2P
   200 V - 1,000 V Single Phase Bridge
1502FB ETC-1502FB Datasheet
229Kb / 2P
   200 V - 1,000 V Single Phase Bridge
1202A ETC-1202A Datasheet
68Kb / 2P
   200 V - 1,000 V Single Phase Bridge
1102A ETC1-1102A Datasheet
66Kb / 2P
   200 V - 1,000 V Single Phase Bridge
logo
Voltage Multipliers Inc...
3102 VMI-3102 Datasheet
151Kb / 2P
   200 V - 1,000 V Three Phase Bridge 2.0 A Forward Current 70 ns - 3000 ns Recovery Time
3202 VMI-3202 Datasheet
235Kb / 2P
   200 V - 1,000 V Three Phase Bridge 4.0 A - 5.0 A Forward Current 70 ns - 3000 ns Recovery Time
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com