Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3402UFB Datasheet(PDF) 2 Page - Voltage Multipliers Inc.

Part # 3402UFB
Description  200 V - 1,000 V Three Phase Bridge 18.0 A - 20.0 A Forward Current 70 ns - 3000 ns Recovery Time
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

3402UFB Datasheet(HTML) 2 Page - Voltage Multipliers Inc.

  3402UFB Datasheet HTML 1Page - Voltage Multipliers Inc. 3402UFB Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
260
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
3
6
9
12
15
Forward Current (A)
3400B
3400UFB
3402-06FB
3410FB
1
10
100
1000
25
50
75
100
125
150
Temperature (C)
0
5
10
15
20
25
25
50
75
100
125
150
Ambient Temperature (C)
0
5
10
15
20
25
25
50
75
100
125
150
Ambient Temperature (C)
3402B - 3410B • 3402FB - 3410FB • 3402UFB - 3410UFB
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
3400B
3400UFB
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
MAXIMUM FORWARD CURRENT
VS. TEMPERATURE
MAXIMUM FORWARD CURRENT
VS. TEMPERATURE
3400FB
Ambient Temperature (°C)
Ambient Temperature (°C)
Temperature (°C)


Similar Part No. - 3402UFB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3402UFB ETC1-3402UFB Datasheet
252Kb / 2P
   200 V - 1,000 V Three Phase Bridge
More results

Similar Description - 3402UFB

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
3102 VMI-3102 Datasheet
151Kb / 2P
   200 V - 1,000 V Three Phase Bridge 2.0 A Forward Current 70 ns - 3000 ns Recovery Time
LTI402T VMI-LTI402T Datasheet
136Kb / 2P
   200 V - 1,000 V Single Phase Bridge 20.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time
LTI402 VMI-LTI402 Datasheet
127Kb / 2P
   200 V - 1,000 V Single Phase Bridge 20.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time
3202 VMI-3202 Datasheet
235Kb / 2P
   200 V - 1,000 V Three Phase Bridge 4.0 A - 5.0 A Forward Current 70 ns - 3000 ns Recovery Time
LTI602 VMI-LTI602 Datasheet
227Kb / 2P
   200 V - 1,000 V Three Phase Bridge 30.0 A - 40.0 A Forward Current 70 ns - 3000 ns Recovery Time
3302 VMI-3302 Datasheet
245Kb / 2P
   200 V - 1,000 V Three Phase Bridge 9.0 A - 10.0 A Forward Current 70 ns - 3000 ns Recovery Time
3502 VMI-3502 Datasheet
184Kb / 2P
   200 V - 1,000 V Three Phase Bridge 40.0 A - 60.0 A Forward Current 70 ns - 3000 ns Recovery Time
LTI602T VMI-LTI602T Datasheet
232Kb / 2P
   200 V - 1,000 V Three Phase Bridge 30.0 A - 40.0 A Forward Current 70 ns - 3000 ns Recovery Time
1202A VMI-1202A Datasheet
80Kb / 2P
   200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time
1202C VMI-1202C Datasheet
78Kb / 2P
   200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com