Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT4000 Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT4000
Description  Universal Multiprotocol Serial Interface
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4000 Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT4000 Datasheet HTML 7Page - Exar Corporation XRT4000 Datasheet HTML 8Page - Exar Corporation XRT4000 Datasheet HTML 9Page - Exar Corporation XRT4000 Datasheet HTML 10Page - Exar Corporation XRT4000 Datasheet HTML 11Page - Exar Corporation XRT4000 Datasheet HTML 12Page - Exar Corporation XRT4000 Datasheet HTML 13Page - Exar Corporation XRT4000 Datasheet HTML 14Page - Exar Corporation XRT4000 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
XRT4000
Rev. 1.00
- 11 -
ELECTRICAL CHARCTERISTICS (CONT’D)
Test Conditions: VDD = 5V, VSS = -6V, VPP = 12V (all
± 5%), TA = 25°C
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Logic Inputs and Outputs
V
IH
Logic Input High
Voltage
2V
V
IL
Logic Input Low
Voltage
0.8
V
I
IN
Logic Input
Current
±250
µA
With 20k
Ω internal pull-up/down resistor
V
OH
Output High
Voltage
3
4.5
V
IO = -4mA
V
OL
Output Low
Voltage
0.3
0.8
V
IO = 4mA
I
OSR
Output Short-
Circuit Current
-60
60
mA
0V
≤ VO ≤ VDD
I
OZR
Three-State
Output Current
0±1
µA
M0 = Ml = M2 = VDD 0V
≤ VO ≤ VDD
V.11 Driver
V
OD
Differential Output
Voltage
±2
5
V
Open Circuit
RL = 50
Ω (Figure 6)
∆V
OD
Change in
Magnitude of
Differential Output
Voltage
0.2
V
RL = 50
Ω (Figure 6)
V
OC
Common Mode
Output Voltage
3.0
V
RL = 50
Ω (Figure 6)
∆V
OC
Change in
Magnitude of
Common Mode
Output Voltage
0.2
V
RL = 50
Ω (Figure 6)
I
SS
Short-Circuit
Current
±150
mA
VO = GND
I
OZ
Output Leakage
Current
±0.01
±100
µA
-0.25V
≤ VO ≤ 0.25V, Power Off or
Driver Disabled
t
r, tf
Rise or Fall Time
4
13
25
ns
(Figures 7, 11)
T
PLH
Input to Output
50
70
110
ns
(Figures 7, 11)
T
PHL
Input to Output
50
70
110
ns
(Figures 7, 11)
∆t
Inp. to Out.
Difference, |TPLH
- TPHL|
0
5
15
ns
(Figures 7, 11)
T
SKEW
Output to Output
Skew
5
ns
(Figures 7, 11)
Note 1: Absolute Maximum Ratings are those beyond which the safety of a device may be impaired.
Note 2: All currents into device pins are positive; all currents out of device are negative.
All voltages are
referenced to device ground unless otherwise specified.


Similar Part No. - XRT4000

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT4500 EXAR-XRT4500 Datasheet
1Mb / 99P
   MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
XRT4500CV EXAR-XRT4500CV Datasheet
1Mb / 99P
   MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
More results

Similar Description - XRT4000

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT4500 EXAR-XRT4500 Datasheet
1Mb / 99P
   MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
logo
NEC
UPD7201A NEC-UPD7201A Datasheet
1Mb / 18P
   Multiprotocol, Serial Communications Controller
logo
Maxim Integrated Produc...
DS8007A MAXIM-DS8007A Datasheet
410Kb / 41P
   Multiprotocol Dual Smart Card Interface
Rev 0; 4/08
logo
NXP Semiconductors
ISP1181 PHILIPS-ISP1181 Datasheet
1Mb / 69P
   Full-speed Universal Serial Bus interface device
Rev. 01-13 March 2000
TDA8007B PHILIPS-TDA8007B Datasheet
159Kb / 36P
   Double multiprotocol IC card interface
2000 Nov 09
logo
Dallas Semiconductor
DS8007 DALLAS-DS8007 Datasheet
350Kb / 41P
   Multiprotocol Dual Smart Card Interface
logo
Maxim Integrated Produc...
MAX13171E MAXIM-MAX13171E Datasheet
904Kb / 38P
   Multiprotocol, Pin-Selectable Data Interface Chipset
Rev 1; 7/09
logo
NXP Semiconductors
ISP1581 PHILIPS-ISP1581 Datasheet
1Mb / 73P
   Universal Serial Bus 2.0 high-speed interface device
Rev. 02-23 October 2000
logo
Texas Instruments
TUSB2046BIVFRG4 TI-TUSB2046BIVFRG4 Datasheet
1Mb / 25P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUSWITH OPTIONAL SERIAL EEPROM INTERFACE
logo
NXP Semiconductors
ISP1183 PHILIPS-ISP1183 Datasheet
295Kb / 62P
   Low-power Universal Serial Bus interface device with DMA
Rev. 01-24 February 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com