Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT4000CV Datasheet(PDF) 9 Page - Exar Corporation

Part # XRT4000CV
Description  Universal Multiprotocol Serial Interface
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT4000CV Datasheet(HTML) 9 Page - Exar Corporation

Back Button XRT4000CV Datasheet HTML 5Page - Exar Corporation XRT4000CV Datasheet HTML 6Page - Exar Corporation XRT4000CV Datasheet HTML 7Page - Exar Corporation XRT4000CV Datasheet HTML 8Page - Exar Corporation XRT4000CV Datasheet HTML 9Page - Exar Corporation XRT4000CV Datasheet HTML 10Page - Exar Corporation XRT4000CV Datasheet HTML 11Page - Exar Corporation XRT4000CV Datasheet HTML 12Page - Exar Corporation XRT4000CV Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
XRT4000
Rev. 1.00
- 9 -
Pin
#
Symbol
DTE
Mode
DCE
Mode
Type
Function
88
TR3B
TXCB
TXCB
I/O
DCE Mode - Transmitter 3 - Positive Data Differential
Output to line
DTE Mode - Receiver 3 - Positive Data Differential Input
from line
89
GND
Analog GND for Receiver 1, 2, 3
90
RX3D
D_TXC
D_X
O
DTE Mode - Receiver 3- Digital Data Output to equipment
DCE Mode - Not used
91
VDD
Digital VDD for Receiver 2, 3; Connect to +5V
92
GND
Digital GND for Receiver 2, 3
93
RX2D
D_RXC
D_SCTE
O
Receiver 2 - Digital Data Output to equipment
94
VSS
Analog VSS for Receiver 1, 2, 3; Connect to -6V
95
RX2B
RXCB
SCTEB
I
Receiver 2 - Positive Data Differential Input from line
96
RX2A
RXCA
SCTEA
I
Receiver 2 - Negative Data Differential Input from line
97
RX1A
RXDA
TXDA
I
Receiver 2 - Negative Data Differential Input from line
98
RX1B
RXDB
TXDB
I
Receiver 2 - Positive Data Differential Input from line
99
VDD
Analog VDD for Receiver 1, 2, 3; Connect to +5V
100
RX1D
D_RXD
D_TXD
O
Receiver 1 - Digital Data Output to equipment
Note: An asterisk (*) following a pin symbol indicates that the pin is active low.
Names begining with D_ are digital signals.
Names ending with B and A are the positive and negative polarities of differential signals respectively.
`


Similar Part No. - XRT4000CV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT4500 EXAR-XRT4500 Datasheet
1Mb / 99P
   MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
XRT4500CV EXAR-XRT4500CV Datasheet
1Mb / 99P
   MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
More results

Similar Description - XRT4000CV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT4500 EXAR-XRT4500 Datasheet
1Mb / 99P
   MULTIPROTOCOL SERIAL NETWORK INTERFACE IC
logo
NEC
UPD7201A NEC-UPD7201A Datasheet
1Mb / 18P
   Multiprotocol, Serial Communications Controller
logo
Maxim Integrated Produc...
DS8007A MAXIM-DS8007A Datasheet
410Kb / 41P
   Multiprotocol Dual Smart Card Interface
Rev 0; 4/08
logo
NXP Semiconductors
ISP1181 PHILIPS-ISP1181 Datasheet
1Mb / 69P
   Full-speed Universal Serial Bus interface device
Rev. 01-13 March 2000
TDA8007B PHILIPS-TDA8007B Datasheet
159Kb / 36P
   Double multiprotocol IC card interface
2000 Nov 09
logo
Dallas Semiconductor
DS8007 DALLAS-DS8007 Datasheet
350Kb / 41P
   Multiprotocol Dual Smart Card Interface
logo
Maxim Integrated Produc...
MAX13171E MAXIM-MAX13171E Datasheet
904Kb / 38P
   Multiprotocol, Pin-Selectable Data Interface Chipset
Rev 1; 7/09
logo
NXP Semiconductors
ISP1581 PHILIPS-ISP1581 Datasheet
1Mb / 73P
   Universal Serial Bus 2.0 high-speed interface device
Rev. 02-23 October 2000
logo
Texas Instruments
TUSB2046BIVFRG4 TI-TUSB2046BIVFRG4 Datasheet
1Mb / 25P
[Old version datasheet]   4-PORT HUB FOR THE UNIVERSAL SERIAL BUSWITH OPTIONAL SERIAL EEPROM INTERFACE
logo
NXP Semiconductors
ISP1183 PHILIPS-ISP1183 Datasheet
295Kb / 62P
   Low-power Universal Serial Bus interface device with DMA
Rev. 01-24 February 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com