Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVP125N2000 Datasheet(PDF) 1 Page - Voltage Multipliers Inc.

Part # HVP125N2000
Description  High Voltage Power Supply - 250W Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

HVP125N2000 Datasheet(HTML) 1 Page - Voltage Multipliers Inc.

  HVP125N2000 Datasheet HTML 1Page - Voltage Multipliers Inc. HVP125N2000 Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE MULTIPLIERS INC.
8711 W. Roosevelt Ave.
Visalia, CA 93291
TEL
559-651-1402
FAX
559-651-0740
www.voltagemultipliers.com
Dimensions: In. (mm) • Data subject to change without notice.
High Voltage Power
Supply - 250W Series
HVP050P5000 HVP050N5000
HVP080P3000 HVP080N3000
HVP125P2000 HVP125N2000
Input:
• 115 or 230V AC, 50/60 Hz
Voltage Regulation:
• Less than .5% of Output Voltage
Current Regulation:
• Less than .5% of Output Current
at 20% to 100% of Rated Voltage
Ripple:
• Less than 1% of Output Voltage
Temperature Coefficient:
• 200 ppm/°C
Ambient Temperature:
• Operating:
0°C to 50°C
• Storage:
-20°C to +70°C
Optional HV Cable:
• Dielectric Sciences 2121 (Consult factory)
SPECIFICATIONS
ELECTRICAL RATINGS
HVP Series
The HVP series provide
250 watts of output power
up to 125kV.
The outputs are fully
adjustable from zero to
100% of the maximum
rating.
Built-in EMI filtering,
safety interlocks, over-
voltage/over-current arc
protection, short circuit
protection, and constant
voltage/current operation,
are just a few of the
standard features in this
series.
• Voltage programming
• Current programming
• Safety interlock
• Short circuit protection
• NEMA 12 enclosure
• Low ripple
Features:
t
r
a
P
r
e
b
m
u
N
V
X
A
M
I
X
A
M
V
kA
m
0
0
0
5
P
0
5
0
P
V
H0
50
.
5
0
0
0
5
N
0
5
0
P
V
H0
5
-0
.
5
0
0
0
3
P
0
8
0
P
V
H0
80
.
3
0
0
0
3
N
0
8
0
P
V
H0
8
-0
.
3
0
0
0
2
P
5
2
1
P
V
H5
2
10
.
2
0
0
0
2
N
5
2
1
P
V
H5
2
1
-0
.
2


Similar Part No. - HVP125N2000

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HVP12 RECTRON-HVP12 Datasheet
23Kb / 2P
   HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.75 Amperes)
logo
Leshan Radio Company
HVP12 LRC-HVP12 Datasheet
51Kb / 2P
   HIGH-VOLTAGE DIODES
logo
MIC GROUP RECTIFIERS
HVP12 MIC-HVP12 Datasheet
114Kb / 1P
   HIGH VOLTAGE RECTIFIER
logo
Leshan Radio Company
HVP12 LRC-HVP12 Datasheet
201Kb / 4P
   Controlled avalanche characteristic combined Low forward voltage drop
logo
GETAI ELECTRONICS DEVIC...
HVP12 GETEDZ-HVP12 Datasheet
159Kb / 1P
   12kV 750mA HIGH VOLTAGE DIODES
More results

Similar Description - HVP125N2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R1J-250I1H2A0 ETC2-R1J-250I1H2A0 Datasheet
734Kb / 12P
   250W250W Redundant Power Supply
logo
Murata Manufacturing Co...
MVAC250 MURATA-MVAC250_13 Datasheet
348Kb / 8P
   250W High Density AC-DC Power Supply
MVAC250 MURATA-MVAC250 Datasheet
379Kb / 7P
   250W High Density AC/DC Power Supply
logo
Tumbler Technologies + ...
TIPC250-FXG TRUMPOWER-TIPC250-FXG Datasheet
176Kb / 1P
   250W FlexATX IPC Power Supply
logo
Total Power Internation...
Q-250 TOTAL-POWER-Q-250 Datasheet
352Kb / 2P
   250W Quad Output Power Supply
logo
Mean Well Enterprises C...
Q-250 MEANWELL-Q-250 Datasheet
808Kb / 3P
   250W Quad Output Power Supply
logo
Tumbler Technologies + ...
TIPC250-1UB TRUMPOWER-TIPC250-1UB Datasheet
133Kb / 1P
   250W 1U ATX12V IPC Power Supply
TIPC250-1UG TRUMPOWER-TIPC250-1UG Datasheet
197Kb / 1P
   250W 1U ATX12V IPC Power Supply
logo
List of Unclassifed Man...
EFAP-S250 ETC2-EFAP-S250 Datasheet
296Kb / 2P
   Flex ATX 250W Server Power Supply
logo
Mean Well Enterprises C...
S-250 MEANWELL-S-250_09 Datasheet
341Kb / 2P
   250W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com