Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTI602T Datasheet(PDF) 1 Page - Voltage Multipliers Inc.

Part # LTI602T
Description  200 V - 1,000 V Three Phase Bridge 30.0 A - 40.0 A Forward Current 70 ns - 3000 ns Recovery Time
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

LTI602T Datasheet(HTML) 1 Page - Voltage Multipliers Inc.

  LTI602T Datasheet HTML 1Page - Voltage Multipliers Inc. LTI602T Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
265
VOLTAGE MULTIPLIERS INC.
8711 W. Roosevelt Ave.
Visalia, CA 93291
TEL
559-651-1402
FAX
559-651-0740
www.voltagemultipliers.com
11
.395(10.03) (2 PL)
1.50(38.1)
.250(6.35)
+
.430(10.92)
.160
(4.06)
2.00(50.8)
.375(9.53)
.750
(19.05)
.430
(10.92)
.140(3.56)
.475(12.06)
.100(2.54)
.675(17.15)
MAX.
.125
(3.17)
1.75
(44.45)
Nickel Pltd.
Copper Base
Plate.
AC
AC
AC
_
.169 DIA.
THRU (2 PL)
AC
AC
AC
_
+
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Dimensions: In. (mm) • All temperatures are ambient unless otherwise noted. • Data subject to change without notice.
(1)Trr Testing: If=0.5A, Ir=1.0A, Irr=0.25A *Op. Temp. & Stg. Temp. = -55°C to +150°C Isolation Voltage: 2000V
200 V - 1,000 V Three Phase Bridge
30.0 A - 40.0 A Forward Current
70 ns - 3000 ns Recovery Time
LTI602T - LTI610T
LTI602FT - LTI610FT
LTI602UFT-LTI610UFT
r
e
b
m
u
N
t
r
a
Pg
n
i
k
r
o
W
e
s
r
e
v
e
R
e
g
a
t
l
o
V
)
m
w
r
V
(
e
g
a
r
e
v
A
d
e
i
f
i
t
c
e
R
t
n
e
r
r
u
C
C
T
@
)
o
I
(
e
s
r
e
v
e
R
t
n
e
r
r
u
C
m
w
r
V
@
)
r
I
(
d
r
a
w
r
o
F
e
g
a
t
l
o
V
)
f
V
(
e
l
c
y
C
1
e
g
r
u
S
t
n
e
r
r
u
C
s
m
3
.
8
=
p
t
)
m
s
f
I
(
e
v
i
t
i
t
e
p
e
R
e
g
r
u
S
t
n
e
r
r
u
C
)
m
r
f
I
(
e
s
r
e
v
e
R
y
r
e
v
o
c
e
R
e
m
i
T
)
1
(
)
r
r
T
(
l
a
m
r
e
h
T
.
d
p
m
I
u C-
J
C
°
5
5C
°
0
0
1C
°
5
2C
°
0
0
1C
°
5
2C
°
5
2C
°
5
2C
°
5
2
s
t
l
o
Vs
p
m
As
p
m
AA
µA
µs
t
l
o
Vs
p
m
As
p
m
As
p
m
As
nW
/
C
°
T
2
0
6
I
T
L
T
6
0
6
I
T
L
T
0
1
6
I
T
L
0
0
2
0
0
6
0
0
0
1
0
.
0
4
0
.
0
4
0
.
0
4
0
.
8
2
0
.
8
2
0
.
8
2
0
.
1
0
.
1
0
.
1
5
2
5
2
5
2
1
.
1
1
.
1
2
.
1
0
.
9
0
.
9
0
.
9
0
5
1
0
5
1
0
5
1
5
2
5
2
5
2
0
0
0
3
0
0
0
3
0
0
0
3
5
7
.
0
5
7
.
0
5
7
.
0
T
F
2
0
6
I
T
L
T
F
6
0
6
I
T
L
T
F
0
1
6
I
T
L
0
0
2
0
0
6
0
0
0
1
0
.
0
4
0
.
0
4
0
.
0
4
0
.
8
2
0
.
8
2
0
.
8
2
0
.
1
0
.
1
0
.
1
5
2
5
2
5
2
5
.
1
5
.
1
6
.
1
0
.
9
0
.
9
0
.
9
0
0
1
0
0
1
0
0
1
5
2
5
2
5
2
0
5
1
0
5
1
0
5
1
5
7
.
0
5
7
.
0
5
7
.
0
T
F
U
2
0
6
I
T
L
T
F
U
6
0
6
I
T
L
T
F
U
0
1
6
I
T
L
0
0
2
0
0
6
0
0
0
1
0
.
0
3
0
.
0
3
0
.
0
3
0
.
1
2
0
.
1
2
0
.
1
2
0
.
1
0
.
1
0
.
1
5
2
5
2
5
2
7
.
1
7
.
1
1
.
2
0
.
9
0
.
9
0
.
9
0
0
1
0
0
1
0
0
1
5
2
5
2
5
2
0
7
0
7
0
7
5
7
.
0
5
7
.
0
5
7
.
0


Similar Part No. - LTI602T

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
LTI602 VMI-LTI602 Datasheet
227Kb / 2P
   200 V - 1,000 V Three Phase Bridge 30.0 A - 40.0 A Forward Current 70 ns - 3000 ns Recovery Time
LTI602F VMI-LTI602F Datasheet
227Kb / 2P
   200 V - 1,000 V Three Phase Bridge 30.0 A - 40.0 A Forward Current 70 ns - 3000 ns Recovery Time
LTI602UF VMI-LTI602UF Datasheet
227Kb / 2P
   200 V - 1,000 V Three Phase Bridge 30.0 A - 40.0 A Forward Current 70 ns - 3000 ns Recovery Time
More results

Similar Description - LTI602T

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
LTI602 VMI-LTI602 Datasheet
227Kb / 2P
   200 V - 1,000 V Three Phase Bridge 30.0 A - 40.0 A Forward Current 70 ns - 3000 ns Recovery Time
3502 VMI-3502 Datasheet
184Kb / 2P
   200 V - 1,000 V Three Phase Bridge 40.0 A - 60.0 A Forward Current 70 ns - 3000 ns Recovery Time
3102 VMI-3102 Datasheet
151Kb / 2P
   200 V - 1,000 V Three Phase Bridge 2.0 A Forward Current 70 ns - 3000 ns Recovery Time
3202 VMI-3202 Datasheet
235Kb / 2P
   200 V - 1,000 V Three Phase Bridge 4.0 A - 5.0 A Forward Current 70 ns - 3000 ns Recovery Time
3402B VMI-3402B Datasheet
261Kb / 2P
   200 V - 1,000 V Three Phase Bridge 18.0 A - 20.0 A Forward Current 70 ns - 3000 ns Recovery Time
3302 VMI-3302 Datasheet
245Kb / 2P
   200 V - 1,000 V Three Phase Bridge 9.0 A - 10.0 A Forward Current 70 ns - 3000 ns Recovery Time
1202A VMI-1202A Datasheet
80Kb / 2P
   200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time
1202C VMI-1202C Datasheet
78Kb / 2P
   200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time
1202B VMI-1202B Datasheet
78Kb / 2P
   200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time
1402 VMI-1402 Datasheet
151Kb / 2P
   200 V - 1,000 V Single Phase Bridge 12.0 A Forward Current 70 ns - 3000 ns Recovery Time
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com