Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDM41028SA10TSO Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PDM41028SA10TSO
Description  1 Megabit Static RAM 256K x 4-Bit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PDM41028SA10TSO Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  PDM41028SA10TSO Datasheet HTML 1Page - List of Unclassifed Manufacturers PDM41028SA10TSO Datasheet HTML 2Page - List of Unclassifed Manufacturers PDM41028SA10TSO Datasheet HTML 3Page - List of Unclassifed Manufacturers PDM41028SA10TSO Datasheet HTML 4Page - List of Unclassifed Manufacturers PDM41028SA10TSO Datasheet HTML 5Page - List of Unclassifed Manufacturers PDM41028SA10TSO Datasheet HTML 6Page - List of Unclassifed Manufacturers PDM41028SA10TSO Datasheet HTML 7Page - List of Unclassifed Manufacturers PDM41028SA10TSO Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PDM41028
Rev. 2.2 - 4/29/98
7
1
2
3
4
5
6
7
8
9
10
11
12
AC Electrical Characteristics
SHADED AREA = PRELIMINARY DATA
Notes referenced are after Data Retention Table
Low VCC Data Retention Waveform
Data Retention Electrical Characteristics (LA Version Only)
NOTES: (For three previous Electrical Characteristics tables)
1. The parameter is tested with CL = 5 pF as shown in Figure 2. Transition is measured
±200 mV from steady state voltage.
2. At any given temperature and voltage condition, tHZCE is less than tLZCE.
3. This parameter is sampled.
4. WE is high for a READ cycle.
5. The device is continuously selected. Chip Enable is held in its active state.
6. The address is valid prior to or coincident with the latest occuring Chip Enable.
7. Vcc = 5V
± 5%.
Description
-10(7)
-12(7)
-15
WRITE Cycle
Sym
Min.
Max.
Min.
Max.
Min.
Max.
Units
WRITE Cycle time
tWC
10
12
15
ns
Chip enable active time
tCW
10
10
11
ns
Address Valid to end of write
tAW
10
10
11
ns
Address setup time
tAS
0
00
ns
Address hold from end of write
tAH
0
00
ns
Write pulse width
tWP1
9
10
11
ns
Write pulse width
tWP2
10
11
12
ns
Data setup time
tDS
7
77
ns
Data hold time
tDH
0
00
ns
Write disable to output in low Z(1,3)
tLZWE
0
00
ns
Write enable to output in high Z(1,3)
tHZWE
777
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDR
VCC for Retention Data
2
V
ICCDR
Data Retention Current
CE
≥ V
CC – 0.2V
VIN ≥ VCC – 0.2V
or
≤ 0.2V
VCC = 2V
500
µA
VCC = 3V
750
µA
tCDR
Chip Deselect to Data Retention Time
0
ns
tR
(3)
Operation Recovery Time
tRC
——
ns
DON'T CARE
VCC
V
V
IH
IL
t CDR
V
t R
4.5V
4.5V
Data Retention Mode
CE
DR
VDR


Similar Part No. - PDM41028SA10TSO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SO ETC-PDM41024LA10SO Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SOA ETC-PDM41024LA10SOA Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SOATR ETC-PDM41024LA10SOATR Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SOATY ETC-PDM41024LA10SOATY Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
More results

Similar Description - PDM41028SA10TSO

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C197D CYPRESS-CY7C197D Datasheet
239Kb / 8P
   256K (256K x 1) Static RAM
logo
Integrated Device Techn...
IDT71028S70 IDT-IDT71028S70 Datasheet
56Kb / 7P
   CMOS STATIC RAM 1 MEG (256K x 4-BIT)
IDT71028 IDT-IDT71028 Datasheet
59Kb / 7P
   CMOS STATIC RAM 1 MEG (256K x 4-BIT)
logo
Cypress Semiconductor
CY7C106D CYPRESS-CY7C106D Datasheet
901Kb / 11P
   1-Mbit (256K x 4) Static RAM
logo
List of Unclassifed Man...
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
logo
Cypress Semiconductor
CY7C106BN CYPRESS-CY7C106BN_06 Datasheet
349Kb / 8P
   256K x 4 Static RAM
CY7C106B CYPRESS-CY7C106B Datasheet
161Kb / 10P
   256K x 4 Static RAM
CY7C106BN CYPRESS-CY7C106BN Datasheet
363Kb / 8P
   256K x 4 Static RAM
CY7C106BN CYPRESS-CY7C106BN_11 Datasheet
406Kb / 9P
   256K x 4 Static RAM
logo
Integrated Device Techn...
IDT61298SA IDT-IDT61298SA_07 Datasheet
79Kb / 8P
   CMOS Static RAM 256K (64K x 4-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com