Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5317 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5317
Description  Avalanche Photodiode Bias Controller and Wide Range (5 nA to 5 mA) Current Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5317 Datasheet(HTML) 2 Page - Analog Devices

  ADL5317 Datasheet HTML 1Page - Analog Devices ADL5317 Datasheet HTML 2Page - Analog Devices ADL5317 Datasheet HTML 3Page - Analog Devices ADL5317 Datasheet HTML 4Page - Analog Devices ADL5317 Datasheet HTML 5Page - Analog Devices ADL5317 Datasheet HTML 6Page - Analog Devices ADL5317 Datasheet HTML 7Page - Analog Devices ADL5317 Datasheet HTML 8Page - Analog Devices ADL5317 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADL5317
Rev. 0 | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions............................. 5
Typical Performance Characteristics ............................................. 6
Theory of Operation ........................................................................ 9
Bias Control Interface .................................................................. 9
GARD Interface ............................................................................ 9
VCLH Interface .......................................................................... 10
Noise Performance ..................................................................... 10
Response Time............................................................................ 10
Device Protection ....................................................................... 10
Applications..................................................................................... 11
Supply Tracking Mode............................................................... 11
Translinear Log Amp Interfacing............................................. 11
Characterization Methods ........................................................ 12
Evaluation Board ............................................................................ 14
Outline Dimensions ....................................................................... 16
Ordering Guide .......................................................................... 16
REVISION HISTORY
7/05—Revision 0: Initial Version


Similar Part No. - ADL5317

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5317-EVAL AD-ADL5317-EVAL Datasheet
518Kb / 16P
   Avalanche Photodiode Bias Controller
ADL5317ACPZ-REEL7 AD-ADL5317ACPZ-REEL7 Datasheet
518Kb / 16P
   Avalanche Photodiode Bias Controller
ADL5317ACPZ-WP AD-ADL5317ACPZ-WP Datasheet
518Kb / 16P
   Avalanche Photodiode Bias Controller
ADL5317 AD-ADL5317_15 Datasheet
548Kb / 16P
   Avalanche Photodiode Bias Controller
REV. 0
ADL5317 AD-ADL5317_17 Datasheet
518Kb / 16P
   Avalanche Photodiode Bias Controller
More results

Similar Description - ADL5317

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5317 AD-ADL5317_15 Datasheet
548Kb / 16P
   Avalanche Photodiode Bias Controller
REV. 0
ADL5317 AD-ADL5317_17 Datasheet
518Kb / 16P
   Avalanche Photodiode Bias Controller
ADL5315 AD-ADL5315 Datasheet
407Kb / 20P
   Precision Wide Range (3 nA to 3 mA) High-Side Current Mirror
REV. 0
logo
List of Unclassifed Man...
M02066 ETC2-M02066 Datasheet
681Kb / 20P
   Bias and modulation current monitor
logo
Zetex Semiconductors
ZXCT1050 ZETEX-ZXCT1050 Datasheet
590Kb / 10P
   Precision wide input range current monitor
logo
Diodes Incorporated
ZXCT1050 DIODES-ZXCT1050 Datasheet
604Kb / 10P
   Precision wide input range current monitor
logo
Zetex Semiconductors
ZXCT1051 ZETEX-ZXCT1051 Datasheet
129Kb / 8P
   Precision wide input range current monitor
ZXCT1051_0611 ZETEX-ZXCT1051_0611 Datasheet
667Kb / 10P
   Precision wide input range current monitor
logo
Texas Instruments
LM5117 TI1-LM5117 Datasheet
702Kb / 33P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller with Analog Current Monitor
LM25117 TI-LM25117 Datasheet
1Mb / 43P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller with Analog Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com