Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9640BCPZ-80 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9640BCPZ-80
Description  14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9640BCPZ-80 Datasheet(HTML) 1 Page - Analog Devices

  AD9640BCPZ-80 Datasheet HTML 1Page - Analog Devices AD9640BCPZ-80 Datasheet HTML 2Page - Analog Devices AD9640BCPZ-80 Datasheet HTML 3Page - Analog Devices AD9640BCPZ-80 Datasheet HTML 4Page - Analog Devices AD9640BCPZ-80 Datasheet HTML 5Page - Analog Devices AD9640BCPZ-80 Datasheet HTML 6Page - Analog Devices AD9640BCPZ-80 Datasheet HTML 7Page - Analog Devices AD9640BCPZ-80 Datasheet HTML 8Page - Analog Devices AD9640BCPZ-80 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
14-Bit, 80/105/125/150 MSPS, 1.8 V
Dual Analog-to-Digital Converter
Preliminary Technical Data
AD9640
Rev. PrD
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
SNR = 71.7 dBc (72.7dBFS) to 70 MHz @ 150 MSPS
SFDR = 85 dBc to 70 MHz @ 150 MSPS
Low Power: 780 mW
1.8V analog supply operation
1.8V to 3.3V CMOS output supply or 1.8V LVDS supply
Integer 1 to 8 Input Clock Divider
IF sampling frequencies to 450 MHz
Internal ADC voltage reference
Integrated ADC sample-and-hold inputs
Flexible analog input: 1 V p-p to 2 V p-p range
Differential analog inputs with 650MHz bandwidth
ADC clock duty cycle stabilizer
95 dB channel isolation/crosstalk
Serial Port Control
User-configurable built-in self-test (BIST) capability
Energy-saving power-down modes
Integrated Receive Features:
Fast Detect/Threshold Bits
Composite Signal monitor
APPLICATIONS
Communications
Diversity radio systems
Multimode digital receivers:
GSM, EDGE, PHS, UMTS, WCDMA, CDMA-ONE,
IS95, CDMA2000, IMT-2000, WiMax
I/Q demodulation systems
Smart antenna systems
General-purpose software radios
Broadband data applications
FUNCTIONAL BLOCK DIAGRAM
Figure 1. AD9640 Functional Block Diagram


Similar Part No. - AD9640BCPZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9640BCPZ-80 AD-AD9640BCPZ-80 Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9640BCPZ-80 AD-AD9640BCPZ-80 Datasheet
1Mb / 54P
   1.8V Dual Analog-to-Digital Converter
More results

Similar Description - AD9640BCPZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9640ABCPZ-80 AD-AD9640ABCPZ-80 Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9640 AD-AD9640_15 Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9640ABCPZ-105 AD-AD9640ABCPZ-105 Datasheet
1Mb / 52P
   14-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9627 AD-AD9627 Datasheet
765Kb / 40P
   12-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
Rev. PrA
AD9258BCPZ-80 AD-AD9258BCPZ-80 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com