Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCG9864 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SCG9864
Description  8-BIT MICROCONTROLLER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SCG9864 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SCG9864 Datasheet HTML 1Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 2Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 3Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 4Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 5Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 6Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 7Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 8Page - List of Unclassifed Manufacturers SCG9864 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
SCG9864
8-BIT MICROCONTROLLER
Score Concept Semiconductor Ltd.
3
Sept 2000
CPU core
An 8-bit accumulator based CPU core can directly address up to 64 x 16K byte addressing
space. Most of the instructions are executed in two cycles. Instruction is generally one byte
and will have an extra byte for some addressing modes.
CPU Registers:
Program Counter (PC)
The 14-bit Program Counter stores address for instruction fetch during program
execution. It makes up a page size of 16K bytes. Together with the Program Page
Register (iPAGE), it becomes a 20-bit address that can access up to 1,048,576 bytes.
When the CPU resets, the content of the iPAGE:PC will be 00:0000. If interrupt
occurs, the type of interrupt will then determine its content. PC will automatically be
incremented to the next instruction after an instruction fetch.
Table 1. Different types of interrupt
Interrupt
IPAGE:PC
Timer 0 / RTC Interrupt
3H:3FF0H
Timer 1 Interrupt
3H:3FE0H
External Interrupt
3H:3FD0H
Software Interrupt
3H:3FC0H
Page Register (PAGE)
An 8-bit Page Register to change the program flow. The most significant two bits are
always set to zero.
Data Bank Register (BANK)
An 8-bit Bank Register to access data memory. The most significant two bits are
always set to zero.
Program Page Register (iPAGE)
An 8-bit Program Page Register is combined with PC for instruction fetch. The most
significant two bits are always set to zero.
Accumulator (A)
An 8-bit Accumulator for arithmetic, logical and data movement operation.
Temporary Register (B)
An 8-bit temporarily storage for accumulator.
Index Registers (X, Y)
These two 8-bit registers can be used for general registers and index registers of the
indirect addressing mode. They can also be used as pointer for table read and
memory write instructions.


Similar Part No. - SCG9864

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCG9800 ETC1-SCG9800 Datasheet
128Kb / 29P
   8-BIT MICROCONTROLLER
SCG9816 ETC1-SCG9816 Datasheet
110Kb / 27P
   8-BIT MICROCONTROLLER
SCG9832 ETC1-SCG9832 Datasheet
110Kb / 27P
   SCG9832 Microcontroller Specification
More results

Similar Description - SCG9864

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com