Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH3012 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH3012
Description  Ultrafast recovery - 1200 V diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3012 Datasheet(HTML) 5 Page - STMicroelectronics

  STTH3012 Datasheet HTML 1Page - STMicroelectronics STTH3012 Datasheet HTML 2Page - STMicroelectronics STTH3012 Datasheet HTML 3Page - STMicroelectronics STTH3012 Datasheet HTML 4Page - STMicroelectronics STTH3012 Datasheet HTML 5Page - STMicroelectronics STTH3012 Datasheet HTML 6Page - STMicroelectronics STTH3012 Datasheet HTML 7Page - STMicroelectronics STTH3012 Datasheet HTML 8Page - STMicroelectronics STTH3012 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STTH3012
Characteristics
5/9
Figure 9.
Transient peak forward voltage
versus dIF/dt (typical values)
Figure 10.
Forward recovery time versus dIF/dt
(typical values)
Figure 11.
Junction capacitance versus
reverse voltage applied (typical
values)
0
5
10
15
20
25
30
0
100
200
300
400
500
V
(V)
FP
dI /dt(A/µs)
F
I=I
T =125°C
F
F(AV)
j
200
300
400
500
600
700
800
900
1000
1100
0
100
200
300
400
500
t (ns)
fr
dI /dt(A/µs)
F
I=I
T =125°C
F
F(AV)
j
V
=1.5 x V max.
FR
F
10
100
1000
1
10
100
1000
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j


Similar Part No. - STTH3012

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STTH3012D ISC-STTH3012D Datasheet
330Kb / 2P
   Ultrafast Rectifier
logo
Thinki Semiconductor Co...
STTH3012W THINKISEMI-STTH3012W Datasheet
1Mb / 3P
   30 Ampere,1200Volt SwitchMode Single Fast Recovery Epitaxial Diode
More results

Similar Description - STTH3012

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH512 STMICROELECTRONICS-STTH512 Datasheet
125Kb / 10P
   Ultrafast recovery - 1200 V diode
STTH6012 STMICROELECTRONICS-STTH6012 Datasheet
111Kb / 8P
   Ultrafast recovery - 1200 V diode
STTH1512 STMICROELECTRONICS-STTH1512 Datasheet
148Kb / 11P
   Ultrafast recovery - 1200 V diode
STTH12012TV STMICROELECTRONICS-STTH12012TV Datasheet
146Kb / 8P
   Ultrafast recovery - 1200 V diode
STTH312 STMICROELECTRONICS-STTH312 Datasheet
148Kb / 8P
   Ultrafast recovery - 1200 V diode
STTH6112TV STMICROELECTRONICS-STTH6112TV Datasheet
151Kb / 8P
   Ultrafast recovery - 1200 V diode
STTH1212 STMICROELECTRONICS-STTH1212 Datasheet
129Kb / 9P
   Ultrafast recovery - 1200 V diode
STTH9012TV STMICROELECTRONICS-STTH9012TV Datasheet
146Kb / 8P
   Ultrafast recovery - 1200 V diode
STTH812 STMICROELECTRONICS-STTH812 Datasheet
192Kb / 11P
   Ultrafast recovery - 1200 V diode
logo
Seme LAB
SML50EUZ12B SEME-LAB-SML50EUZ12B Datasheet
47Kb / 2P
   Enhanced Ultrafast Recovery Diode 1200 Volt, 50 Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com