Part Name
         Description
SY89531L

 3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER ( 16 Page)


MICREL
100% 
Zoom Out Zoom In
 6 page
background image
6
Precision Edge®
SY89531L
Micrel, Inc.
M9999-110405
hbwhelp@micrel.com or (408) 955-1690
V
CC_LOGIC = VCCA = VCCOA/C = +3.3V ±10%, VCCOB = +1.8V ±10%
Symbol
Parameter
Condition
Min
Typ
Max
Units
fIN
Xtal Input Frequency Range
Note 8
14
18
MHz
fOUT
Output Frequency Range
w/Internal VCO
33.33
500
MHz
w/External VCO
——
622.08
MHz
tVCO
Internal VCO Frequency Range
600
1000
MHz
External VCO Frequency
——
1250
MHz
tskew
Within Device Skew
——
50
ps
Note 9
Within-Bank PECL
——
50
ps
Within-Bank HSTL
——
75
ps
Between Banks
——
150
ps
Part-to-Part Skew
Note 10
——
200
ps
tLOCK
Maximum PLL Lock Time
——
10
ms
tJITTER
Cycle-to-Cycle Jitter
(Pk-to-Pk)
Note 11
25
ps
Period Jitter
(RMS)
Note 12
——
50
ps
tpw (min)
Minimum Pulse Width
50
——
ns
Target PLL Loop Bandwidth
Feedback Divider Ratio: 72
Note 13
1.0
MHz
Feedback Divider Ratio: 34
Note 13
2.0
MHz
tDC
fOUT Duty Cycle
45
50
55
%
tr, tf
Output Rise/Fall Time
(20% to 80%)LVPECL_Out
250
450
ps
HSTL_Out
100
450
ps
tOUTPUT_RESET
Note 14
——
10
ns
tHOLD_FSEL
5
——
ns
tSETUP_FSEL
5
——
ns
tOUTPUT_SYNC
1
——
VCO
clock cycle
FSEL-to-Valid Output Transition Time
——
1
µs
tSETUP_OUT_SYNC
500
——
ps
Note 8.
Fundamental mode crystal.
Note 9.
The within-device skew is defined as the worst case difference between any two similar delay paths within a single device operating at the
same voltage and temperature.
Note 10. The part-to-part skew is defined as the absolute worst case difference between any two delay paths on any two devices operating at the same
voltage and temperature.
Note 11. Cycle-to-cycle jitter definition: The variation in period between adjacent cycles over a random sample of adjacent cycle pairs. T
JITTER_CC =Tn
T
n+1 where T is the time between rising edges of the output signal.
Note 12. Period Jitter definition: For a specified amount of time (i.e., 1ms), there are N periods of a signal, and T
n is defined as the average period of
that signal. Period jitter is defined as the variation in the period of the output signal for corresponding edges relative to T
n.
Note 13. Using recommended loop filter components. See
“Functional Description, External Loop Filter Considerations.”
Note 14. See
“Timing Diagrams.”
AC ELECTRICAL CHARACTERISTICS
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN74SSTE3288228-Bit to 56-Bit Registered Buffer With Address Parity Test and One Pair to Four Pair Differential Clock PLL Driver 1 2 3 4 5 MoreTexas Instruments
IDTQS3VH251QUICKSWITCH PRODUCTS 2.5V / 3.3V 8:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH 1 2 3 4 5 MoreIntegrated Device Technology
ADN2804622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier 1 2 3 4 5 MoreAnalog Devices
54F191Up/Down Binary Counter with Preset and Ripple Clock 1 2 3 4 5 MoreNational Semiconductor
SCAN121001228.8 and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement Coming SoonNational Semiconductor
TC74HC08APQUAD 2-INPUT AND GATE 1 2 3 4 5 MoreToshiba Semiconductor
M5M82C54PCMOS PROGRAMMABLE INTERVAL TIMER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
AS4LC4M4883C4 MEG x 4 DRAM 3.3V EDO PAGE MODE 1 2 3 4 5 MoreAustin Semiconductor
AND8002ECLinPS ECLinPS Lite ECLinPS Plus ECLinPS MAX and GigaComm Marking and Ordering Information Guide 1 2 3 4 5 MoreON Semiconductor
ADL5317Avalanche Photodiode Bias Controller and Wide Range 5 nA to 5 mA Current Monitor 1 2 3 4 5 MoreAnalog Devices

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl