Part Name
         Description
SY89531L

 3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND HSTL BUS CLOCK SYNTHESIZER ( 16 Page)


MICREL
100% 
Zoom Out Zoom In
 
 4 page
background image
4
Precision Edge®
SY89531L
Micrel, Inc.
M9999-110405
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(Note 1)
Supply Voltage (V
IN) ................................... –0.5V to +4.0V
V
CC Pin Potential to Ground Pin (All VCC).. –0.5V to +4.0V
Input Voltage (except XTAL 1,2 pins) (V
IN) ... –0.5V to VCCI
XTAL 1, 2 Input Voltage (V
XTAL 1,2) ...... (VCC–1.9V) to VCC
DC Output Current (I
OUT)
–LVPECL, HSTL outputs ..................................... –50mA
Lead Temperature (soldering, 20 sec.) ..................... 260
°C
Storage Temperature (T
S) ....................... –65°C to +150°C
Operating Ratings(Note 2)
Supply Voltage
V
CCOA and VCCOC ...................................... 3.0V to 3.6V
V
CCOB ......................................................... 1.6V to 2.0V
Ambient Temperature (T
A) ............................. 0°C to +85°C
Package Thermal Resistance (Junction-to-Ambient)
With Die attach soldered to GND:
TQFP (
θ
JA) Still-Air .............................................. 23°C/W
TQFP (
θ
JA) 200lfpm ............................................ 18°C/W
TQFP (
θ
JA) 500lfpm ............................................ 15°C/W
With Die attach NOT soldered to GND, Note 3
TQFP (
θ
JA) Still-Air .............................................. 44°C/W
TQFP (
θ
JA) 200lfpm ............................................ 36°C/W
TQFP (
θ
JA) 500lfpm ............................................ 30°C/W
Package Thermal Resistance (Junction-to-Case)
TQFP
JC) ......................................................... 4.3°C/W
Power Supply
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
CCA
PLL and Logic Supply Voltage
Note 4
3.0
3.3
3.6
V
V
CC_Logic
V
CCOA/C
Bank A and C V
CC Output
3.0
3.3
3.6
V
V
CCOB
Bank B V
CC Output
LVPECL/HSTL
1.6
1.8
2.0
V
I
CC
Total Supply Current
Note 5
230
295
mA
DC ELECTRICAL CHARACTERISTICS
Note 1.
Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended
periods may affect device reliability.
Note 2.
The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
Note 3.
It is recommended that the user always solder the exposed die pad to a ground plane for enhanced heat dissipation.
Note 4.
V
CCA, VCC_LOGIC, VCCOA/C are not internally connected together inside the device. They must be connected together on the PCB. VCCOB is a
separate supply.
Note 5.
No load. Outputs floating, Banks A, B, and C enabled.
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN74SSTE3288228-Bit to 56-Bit Registered Buffer With Address Parity Test and One Pair to Four Pair Differential Clock PLL Driver 1 2 3 4 5 MoreTexas Instruments
IDTQS3VH251QUICKSWITCH PRODUCTS 2.5V / 3.3V 8:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH 1 2 3 4 5 MoreIntegrated Device Technology
ADN2804622 Mbps Clock and Data Recovery IC with Integrated Limiting Amplifier 1 2 3 4 5 MoreAnalog Devices
54F191Up/Down Binary Counter with Preset and Ripple Clock 1 2 3 4 5 MoreNational Semiconductor
SCAN121001228.8 and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement Coming SoonNational Semiconductor
TC74HC08APQUAD 2-INPUT AND GATE 1 2 3 4 5 MoreToshiba Semiconductor
M5M82C54PCMOS PROGRAMMABLE INTERVAL TIMER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
AS4LC4M4883C4 MEG x 4 DRAM 3.3V EDO PAGE MODE 1 2 3 4 5 MoreAustin Semiconductor
AND8002ECLinPS ECLinPS Lite ECLinPS Plus ECLinPS MAX and GigaComm Marking and Ordering Information Guide 1 2 3 4 5 MoreON Semiconductor
ADL5317Avalanche Photodiode Bias Controller and Wide Range 5 nA to 5 mA Current Monitor 1 2 3 4 5 MoreAnalog Devices

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl