Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5132DDVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5132DDVR
Description  STEREO DIGITAL AMPLIFIER POWER STAGE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5132DDVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5132DDVR Datasheet HTML 4Page - Texas Instruments TAS5132DDVR Datasheet HTML 5Page - Texas Instruments TAS5132DDVR Datasheet HTML 6Page - Texas Instruments TAS5132DDVR Datasheet HTML 7Page - Texas Instruments TAS5132DDVR Datasheet HTML 8Page - Texas Instruments TAS5132DDVR Datasheet HTML 9Page - Texas Instruments TAS5132DDVR Datasheet HTML 10Page - Texas Instruments TAS5132DDVR Datasheet HTML 11Page - Texas Instruments TAS5132DDVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
AUDIO SPECIFICATIONS (BTL)
TAS5132
SLES190 – DECEMBER 2006
MIN
TYP
MAX
UNIT
PVDD_X
Half-bridge supply
DC supply voltage
0
18
19
V
Supply for logic regulators and gate-drive
GVDD_X
DC supply voltage
10.8
12
13.2
V
circuitry
VDD
Digital regulator input
DC supply voltage
10.8
12
13.2
V
RL (BTL)
6-8
Output filter: L = 10
µH, C = 470 nF.
RL (SE)
Load impedance
Output AD modulation, switching
3-4
frequency > 350 kHz
RL (PBTL)
3-4
LOutput (BTL)
10
Minimum output inductance under
LOutput (SE)
Output-filter inductance
10
µH
short-circuit condition
LOutput (PBTL)
10
FPWM
PWM frame rate
192
384
432
kHz
TJ
Junction temperature
0
125
°C
PVDD_X = 18 V, GVDD = VDD = 12 V, BTL mode, R
L = 8 Ω, ROC = 22 KΩ, CBST = 33-nF, audio frequency = 1 kHz, AES17
filter, F
PWM = 384 kHz, case temperature = 75°C (unless otherwise noted). Audio performance is recorded as a chipset, using
TAS5086 PWM processor with an effective modulation index limit of 96.1%. All performance is in accordance with
recommended operating conditions, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 6 Ω, 10% THD, clipped input signal
26
RL = 8 Ω, 10% THD, clipped input signal
20
PO
Power output per channel, DDV package
W
RL = 6 Ω, 0 dBFS, unclipped input signal
20
RL = 8 Ω, 0 dBFS, unclipped input signal
16
0 dBFS
<0.1%
THD+N
Total harmonic distortion + noise
1 W
<0.06%
Vn
Output integrated noise
A-weighted
50
200
µV
SNR
Signal-to-noise ratio (1)
A-weighted
94
105
dB
A-weighted, input level = –60 dBFS using
DNR
Dynamic range
94
105
dB
TAS5086 modulator
Power dissipation due to idle losses
Pidle
PO = 0 W, 4 channels switching(2)
.6
W
(IPVDD_X)
(1)
SNR is calculated relative to 0-dBFS input level.
(2)
Actual system idle losses are affected by core losses of output inductors.
8
Submit Documentation Feedback


Similar Part No. - TAS5132DDVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5132DDVR TI-TAS5132DDVR Datasheet
460Kb / 24P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132DDVR TI-TAS5132DDVR Datasheet
512Kb / 31P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132DDVRG4 TI-TAS5132DDVRG4 Datasheet
460Kb / 24P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132DDVRG4 TI-TAS5132DDVRG4 Datasheet
512Kb / 31P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5132DDVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5152 TI-TAS5152_15 Datasheet
558Kb / 30P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_07 Datasheet
697Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132_0702 TI-TAS5132_0702 Datasheet
512Kb / 31P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142 Datasheet
583Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_15 Datasheet
667Kb / 27P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152 Datasheet
415Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_07 Datasheet
463Kb / 26P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_07 Datasheet
460Kb / 24P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_15 Datasheet
1Mb / 32P
[Old version datasheet]   STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5602 TI-TAS5602 Datasheet
1Mb / 29P
[Old version datasheet]   20W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com