Electronic Components Datasheet Search |
|
TAS5132DDVR Datasheet(PDF) 3 Page - Texas Instruments |
|
|
TAS5132DDVR Datasheet(HTML) 3 Page - Texas Instruments |
3 / 23 page www.ti.com MODE Selection Pins Package Heat Dissipation Ratings (1) TAS5132 SLES190 – DECEMBER 2006 GENERAL INFORMATION (continued) MODE PINS PWM INPUT OUTPUT CONFIGURATION PROTECTION SCHEME M3 M2 M1 0 0 0 2N (1) AD/BD modulation 2 channels BTL output BTL mode (2) 0 0 1 Reserved 0 1 0 1N (1) AD modulation 2 channels BTL output BTL mode (2) 0 1 1 1N (1) AD modulation 1 channel PBTL output PBTL mode. Only PWM_A input is used. Protection works similarly to BTL mode (2). Only difference in SE mode is that OUT_X is Hi-Z 1 0 0 1N (1) AD modulation 4 channels SE output instead of a pulldown through internal pulldown resistor. 1 0 1 Protection system work similarly to BTL mode (2) (0, 0, 0); however the PWM input protection 2N (1) AD/BD modulation 2 channels BTL output is disabled. Also, overcurrent detection will be more sensitive and will latch if an error occurs. 1 1 0 Reserved 1 1 1 (1) The 1N and 2N naming convention is used to indicate the required number of PWM lines to the power stage per channel in a specific mode. (2) An overload protection (OLP) occurring on A or B causes both channels to shut down. An OLP on C or D works similarly. Global errors like overtemperature error (OTE), undervoltage protection (UVP), and power-on reset (POR) affect all channels. PARAMETER TAS5132DDV RθJC (°C/W)—2 BTL or 4 SE channels (8 transistors) 1.4 RθJC (°C/W)—1 BTL or 2 SE channel(s) (4 transistors) 2.6 RθJC (°C/W)—(1 transistor) 8.7 Pad area(2) 15 mm2 (1) JC is junction-to-case, CH is case-to-heatsink. (2) RθCH is an important consideration. Assume a 2-mil thickness of typical thermal grease between the pad area and the heatsink. The RθCH with this condition is 2.5°C/W for the DDV package. 3 Submit Documentation Feedback |
Similar Part No. - TAS5132DDVR |
|
Similar Description - TAS5132DDVR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |