Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF7020-1BCPZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADF7020-1BCPZ
Description  High Performance FSK/ASK Transceiver IC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7020-1BCPZ Datasheet(HTML) 3 Page - Analog Devices

  ADF7020-1BCPZ Datasheet HTML 1Page - Analog Devices ADF7020-1BCPZ Datasheet HTML 2Page - Analog Devices ADF7020-1BCPZ Datasheet HTML 3Page - Analog Devices ADF7020-1BCPZ Datasheet HTML 4Page - Analog Devices ADF7020-1BCPZ Datasheet HTML 5Page - Analog Devices ADF7020-1BCPZ Datasheet HTML 6Page - Analog Devices ADF7020-1BCPZ Datasheet HTML 7Page - Analog Devices ADF7020-1BCPZ Datasheet HTML 8Page - Analog Devices ADF7020-1BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
ADF7020-1
Rev. 0 | Page 3 of 48
GENERAL DESCRIPTION
The ADF7020-1 is a low power, highly integrated FSK/GFSK/
ASK/OOK/GOOK transceiver designed for operation in the
low UHF and VHF bands. The ADF7020-1 uses an external
VCO inductor that allows users to set the operating frequency
anywhere between 135 MHz and 650 MHz. Using the divide-
by-2 circuit allows users to operate the device as low as 80 MHz.
The typical range of the VCO is about 10% of the operating
frequency. A complete transceiver can be built using a small
number of external discrete components, making the ADF7020-
1 very suitable for price-sensitive and area-sensitive
applications.
The transmit section contains a VCO and low noise
fractional-N PLL with output resolution of <1 ppm. This
frequency agile PLL allows the ADF7020-1 to be used in
frequency-hopping spread spectrum (FHSS) systems. The VCO
operates at twice the fundamental frequency to reduce spurious
emissions and frequency pulling problems.
The transmitter output power is programmable in 63 steps from
−20 dBm to +13 dBm. The transceiver RF frequency, channel
spacing, and modulation are programmable using a simple 3-
wire interface. The device operates with a power supply range of
2.3 V to 3.6 V and can be powered down when not in use.
A low IF architecture is used in the receiver (200 kHz),
minimizing power consumption and the external component
count and avoiding interference problems at low frequencies.
The ADF7020-1 supports a wide variety of programmable
features, including Rx linearity, sensitivity, and IF bandwidth,
allowing the user to trade off receiver sensitivity and selectivity
for current consumption, depending on the application. The
receiver also features a patent-pending automatic frequency
control (AFC) loop, allowing the PLL to compensate for
frequency error in the incoming signal.
An on-chip ADC provides readback of an integrated tempera-
ture sensor, an external analog input, the battery voltage, or the
RSSI signal, which provides savings on an ADC in some
applications. The temperature sensor is accurate to ±10°C over
the full operating temperature range of −40°C to +85°C. This
accuracy can be improved by doing a 1-point calibration at
room temperature and storing the result in memory.


Similar Part No. - ADF7020-1BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7020-1 AD-ADF7020-1_15 Datasheet
781Kb / 48P
   High Performance FSK/ASK Transceiver IC
REV. 0
More results

Similar Description - ADF7020-1BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7020-1 AD-ADF7020-1_15 Datasheet
781Kb / 48P
   High Performance FSK/ASK Transceiver IC
REV. 0
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
ADF7020 AD-ADF7020_15 Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
ADF7901 AD-ADF7901 Datasheet
285Kb / 12P
   High Performance ISM Band ASK/FSK Transmitter IC
Rev. PrD
logo
ON Semiconductor
AX5243 ONSEMI-AX5243_16 Datasheet
411Kb / 42P
   Advanced High Performance ASK and FSK Narrow-band Transceiver
May, 2016 ??Rev. 3
logo
Analog Devices
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
logo
AUREL S.p.A.
650201420G AUREL-650201420G Datasheet
84Kb / 1P
   Low cost & high performance 434 MHZ ASK/FSK TRANSCEIVER
15.10.2016 - Rev A
650201424G AUREL-650201424G Datasheet
138Kb / 1P
   Low cost & high performance 868 MHZ ASK/FSK TRANSCEIVER
15.10.2016 - Rev A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com