Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG701LBRJ-500RL7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG701LBRJ-500RL7
Description  CMOS Low Voltage 2 OHM SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG701LBRJ-500RL7 Datasheet(HTML) 1 Page - Analog Devices

  ADG701LBRJ-500RL7 Datasheet HTML 1Page - Analog Devices ADG701LBRJ-500RL7 Datasheet HTML 2Page - Analog Devices ADG701LBRJ-500RL7 Datasheet HTML 3Page - Analog Devices ADG701LBRJ-500RL7 Datasheet HTML 4Page - Analog Devices ADG701LBRJ-500RL7 Datasheet HTML 5Page - Analog Devices ADG701LBRJ-500RL7 Datasheet HTML 6Page - Analog Devices ADG701LBRJ-500RL7 Datasheet HTML 7Page - Analog Devices ADG701LBRJ-500RL7 Datasheet HTML 8Page - Analog Devices ADG701LBRJ-500RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CMOS Low Voltage
2 Ω SPST Switches
ADG701L/ADG702L
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
1.8 V to 5.5 V single supply
2 Ω (typical) on resistance
Low on resistance flatness
Guaranteed leakage specifications up to 85°C
–3 dB bandwidth > 200 MHz
Rail-to-rail operation
Fast switching times
tON 18 ns
tOFF 12 ns
Typical power consumption < 0.01 μW
TTL/CMOS-compatible
APPLICATIONS
Battery-powered systems
Communication systems
Sample-and-hold systems
Audio signal routing
Video switching
Mechanical reed relay replacement
GENERAL DESCRIPTION
The ADG701L/ADG702L are monolithic CMOS SPST switches.
These switches are designed using an advanced submicron
process that provides low power dissipation, yet offers high
switching speed, low on resistance, and low leakage currents.
In addition, −3 dB bandwidths of greater than 200 MHz can
be achieved.
The ADG701L/ADG702L can operate from a single 1.8 V to
5.5 V supply, making it ideal for use in battery-powered
instruments and with the new generation of DACs and ADCs
from Analog Devices.
Figure 1 and Figure 2 show that with a logic input of 1, the
switch of the ADG701L is closed, while that of the ADG702L
is open. Each switch conducts equally well in both directions
when on.
The ADG701L/ADG702L are packaged as 5-lead SOT-23,
6-lead SOT-23, and 8-lead MSOP.
FUNCTIONAL BLOCK DIAGRAMS
D
S
IN
ADG701L
SWITCHES SHOWN
FOR A LOGIC 1 INPUT
Figure 1.
D
S
IN
ADG702L
SWITCHES SHOWN
FOR A LOGIC 1 INPUT
Figure 2.
PRODUCT HIGHLIGHTS
1.
1.8 V to 5.5 V single-supply operation. The ADG701L/
ADG702L offer high performance, including low on
resistance and fast switching times. The ADG701L/
ADG702L are fully specified and guaranteed with 3 V
and 5 V supply rails.
2.
Very low RON (3 Ω maximum at 5 V, 5 Ω maximum at 3 V).
At 1.8 V operation, RON is typically 40 Ω over the
temperature range.
3.
On resistance flatness RFLAT(ON) (1 Ω maximum).
4.
−3 dB bandwidth > 200 MHz.
5.
Low power dissipation. CMOS construction ensures low
power dissipation.
6.
Fast tON/tOFF.


Similar Part No. - ADG701LBRJ-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG701 AD-ADG701 Datasheet
108Kb / 8P
   CMOS Low Voltage 2ohm SPST Switches
REV. A
ADG701 AD-ADG701 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG701BRJ-500RL7 AD-ADG701BRJ-500RL7 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG701BRJ-500RL7 AD-ADG701BRJ-500RL7 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG701BRJ-REEL AD-ADG701BRJ-REEL Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
More results

Similar Description - ADG701LBRJ-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG801 AD-ADG801 Datasheet
76Kb / 9P
   <0.5 ohm CMOS, Low Voltage, SPST Switches
REV. PrE Jan ??2
ADG721 AD-ADG721 Datasheet
204Kb / 8P
   CMOS Low Voltage 4 ohm Dual SPST Switches
REV. 0
ADG711 AD-ADG711 Datasheet
119Kb / 8P
   CMOS Low Voltage 4 ohm Quad SPST Switches
REV. 0
ADG702BRMZ AD-ADG702BRMZ Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG701 AD-ADG701_06 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
logo
Maxim Integrated Produc...
MAX4645 MAXIM-MAX4645 Datasheet
202Kb / 11P
   Fast, Low-Voltage, 2.5-ohm, SPST, CMOS Analog Switches
Rev 1; 7/00
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
logo
Analog Devices
ADG701 AD-ADG701 Datasheet
108Kb / 8P
   CMOS Low Voltage 2ohm SPST Switches
REV. A
logo
Pericom Semiconductor C...
PI5A4626 PERICOM-PI5A4626 Datasheet
210Kb / 9P
   SOTINY??Low-Voltage, Single-Supply 1-Ohm SPST CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com