Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG799A Datasheet(PDF) 2 Page - Analog Devices

Part # ADG799A
Description  IC-Compatible, Wide Bandwidth, Triple 2 횞 2 Crosspoint Switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG799A Datasheet(HTML) 2 Page - Analog Devices

  ADG799A Datasheet HTML 1Page - Analog Devices ADG799A Datasheet HTML 2Page - Analog Devices ADG799A Datasheet HTML 3Page - Analog Devices ADG799A Datasheet HTML 4Page - Analog Devices ADG799A Datasheet HTML 5Page - Analog Devices ADG799A Datasheet HTML 6Page - Analog Devices ADG799A Datasheet HTML 7Page - Analog Devices ADG799A Datasheet HTML 8Page - Analog Devices ADG799A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADG799A/ADG799G
Rev. 0 | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagrams............................................................. 1
General Description ......................................................................... 1
Product Highlights ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
I2C Timing Specifications............................................................ 7
Absolute Maximum Ratings............................................................ 9
ESD Caution.................................................................................. 9
Pin Configurations and Function Descriptions ......................... 10
Typical Performance Characteristics ........................................... 11
Test Circuits..................................................................................... 14
Terminology .................................................................................... 16
Theory of Operation ...................................................................... 17
I2C Serial Interface ..................................................................... 17
I2C Address.................................................................................. 17
Write Operation.......................................................................... 17
LDSW Bit..................................................................................... 19
Power On/Software Reset.......................................................... 19
Read Operation........................................................................... 19
Evaluation Board ............................................................................ 20
Using the ADG799G Evaluation Board .................................. 20
Outline Dimensions ....................................................................... 23
Ordering Guide .......................................................................... 23
REVISION HISTORY
7/06—Revision 0: Initial Version


Similar Part No. - ADG799A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG799A AD-ADG799A_15 Datasheet
574Kb / 24P
   Wide Bandwidth, Triple 2 2 Crosspoint Switch
REV. 0
More results

Similar Description - ADG799A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG799A AD-ADG799A_15 Datasheet
574Kb / 24P
   Wide Bandwidth, Triple 2 2 Crosspoint Switch
REV. 0
logo
Texas Instruments
SN65LVCP202 TI1-SN65LVCP202_14 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
SN65LVCP202 TI1-SN65LVCP202 Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
logo
Analog Devices
ADG791A AD-ADG791A Datasheet
567Kb / 24P
   IC-Compatible, Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG792A AD-ADG792A Datasheet
568Kb / 24P
   IC-Compatible, Wide Bandwidth, Triple 4:1 Multiplexer
REV. 0
logo
Micrel Semiconductor
SY58024U_0708 MICREL-SY58024U_0708 Datasheet
142Kb / 11P
   ULTRA-LOW JITTER DUAL 2 횞 2 CROSSPOINT SWITCH w/ CML OUTPUTS
logo
Maxim Integrated Produc...
MAX3841 MAXIM-MAX3841 Datasheet
203Kb / 7P
   12.5Gbps CML 2 × 2 Crosspoint Switch
Rev 1; 3/09
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_10 Datasheet
238Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U_07 Datasheet
251Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U Datasheet
40Kb / 7P
   2 X 2 PROTECTION CROSSPOINT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com