Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1207 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG1207
Description  Low Capacitance, 16- and 8-Channel -15 V/12 V iCMOS Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1207 Datasheet(HTML) 4 Page - Analog Devices

  ADG1207 Datasheet HTML 1Page - Analog Devices ADG1207 Datasheet HTML 2Page - Analog Devices ADG1207 Datasheet HTML 3Page - Analog Devices ADG1207 Datasheet HTML 4Page - Analog Devices ADG1207 Datasheet HTML 5Page - Analog Devices ADG1207 Datasheet HTML 6Page - Analog Devices ADG1207 Datasheet HTML 7Page - Analog Devices ADG1207 Datasheet HTML 8Page - Analog Devices ADG1207 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADG1206/ADG1207
Rev. 0 | Page 4 of 20
Parameter
+25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
CD, CS (On) ADG1206
13
pF typ
f = 1 MHz, VS = 0 V
15
pF max
f = 1 MHz, VS = 0 V
CD, CS (On) ADG1207
8
pF typ
f = 1 MHz, VS = 0 V
10
pF max
f = 1 MHz, VS = 0 V
POWER REQUIREMENTS
VDD = +16.5 V, VSS = −16.5 V
IDD
0.002
μA typ
Digital inputs = 0 V or VDD
1.0
μA max
IDD
260
μA typ
Digital inputs = 5 V
420
μA max
ISS
0.002
μA typ
Digital inputs = 0 V, 5 V, or VDD
1.0
μA max
VDD/VSS
±5/±16.5
V min/max
GND = 0V
1 Temperature range for Y version is
−40°C to +125°C.
2 Guaranteed by design, not subject to production test.


Similar Part No. - ADG1207

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1207L AD-ADG1207L Datasheet
1,003Kb / 23P
   Low Capacitance, 16-Channel and 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1207LYCPZ-REEL7 AD-ADG1207LYCPZ-REEL7 Datasheet
1,003Kb / 23P
   Low Capacitance, 16-Channel and 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1207 AD-ADG1207_15 Datasheet
434Kb / 20P
   Low Capacitance, 16 and 8 Channel
REV. A
More results

Similar Description - ADG1207

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
ADG1206L AD-ADG1206L Datasheet
1,003Kb / 23P
   Low Capacitance, 16-Channel and 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1308 AD-ADG1308 Datasheet
411Kb / 16P
   4- and 8-Channel -15 V/12 V Multiplexers
REV. 0
ADG1308 AD-ADG1308_15 Datasheet
361Kb / 16P
   4 and 8 Channel 15 V/12 V Multiplexers
REV. A
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
   9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A
ADG1438 AD-ADG1438 Datasheet
605Kb / 20P
   Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
REV. 0
ADG1309 AD-ADG1309_15 Datasheet
361Kb / 16P
   4 and 8Channel 15 V/12 V Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com