Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG888YRUZ-REEL7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADG888YRUZ-REEL7
Description  0.4 OHM CMOS, Dual DPDT Switch in WLCSP/LFCSP/TSSOP Packages
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG888YRUZ-REEL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG888YRUZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG888YRUZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG888YRUZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG888YRUZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG888YRUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG888YRUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG888YRUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG888YRUZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG888YRUZ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADG888
Rev. A | Page 6 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
(SOLDER BALLS ON OPPOSITE SIDE)
A
1
2
3
4
BC
D
BALL A1
INDICATOR
D4
S4B
S3B
D3
S1A
VDD
IN1
S2A
D1
S1B
S2B
D2
S4A
GND
IN2
S3A
Figure 2. 16-Ball WLCSP
Pin Configuration
PIN 1
INDICATOR
1
D1
2
S1B
3
S2B
4
D2
11 S4B
12 D4
10 S3B
9D3
TOP VIEW
Figure 3. 16-Lead LFCSP
Pin Configuration
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
S1A
D1
S1B
S2A
D2
S2B
VDD
S4A
D4
S4B
S3A
IN1
IN2
D3
S3B
GND
ADG888
TOP VIEW
(Not to Scale)
Figure 4. 16-Lead TSSOP
Pin Configuration
Table 4. Pin Function Descriptions
WLCSP Ball No.
LFCSP Pin No.
TSSOP Pin No.
Mnemonic
Description
2C
15
1
VDD
Most Positive Power Supply Potential.
2B
14
16
GND
Ground (0 V) Reference.
1B, 1C, 2A, 2D, 3A, 3D, 4B, 4C
2, 3, 5, 8, 10, 11, 13, 16
2, 4, 5, 7, 10, 12, 13, 15
S
Source Terminal. Can be an input or output.
1A, 1D, 4A, 4D
1, 4, 9, 12
3, 6, 11, 14
D
Drain Terminal. Can be an input or output.
3B, 3C
6, 7
8, 9
IN
Logic Control Input.
Table 5. Truth Table
Logic (IN1/IN2)
Switch 1A/2A/3A/4A
Switch 1B/2B/3B/4B
0
Off
On
1
On
Off


Similar Part No. - ADG888YRUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG888 AD-ADG888 Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADG888 AD-ADG888 Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADG888 AD-ADG888_15 Datasheet
342Kb / 16P
   CMOS, Dual DPDT Switch in WLCSP/LFCSP/TSSOP Packages
REV. A
More results

Similar Description - ADG888YRUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG888 AD-ADG888_15 Datasheet
342Kb / 16P
   CMOS, Dual DPDT Switch in WLCSP/LFCSP/TSSOP Packages
REV. A
logo
Fairchild Semiconductor
FSA2467 FAIRCHILD-FSA2467_08 Datasheet
724Kb / 12P
   0.4廓 Low-Voltage Dual DPDT Analog Switch
FSA2467 FAIRCHILD-FSA2467_12 Datasheet
872Kb / 11P
   0.4廓 Low-Voltage Dual DPDT Analog Switch
logo
Skyworks Solutions Inc.
SKY13596-397LF SKYWORKS-SKY13596-397LF Datasheet
159Kb / 2P
   0.4 to 3.8 GHz DPDT Switch
SKYA21037 SKYWORKS-SKYA21037 Datasheet
139Kb / 2P
   0.4 to 3.8 GHz DPDT Switch
logo
Vishay Siliconix
DG2747 VISHAY-DG2747_09 Datasheet
155Kb / 9P
   0.4-ohm, Low Voltage, Dual SPST Analog Switch
Rev. B, 09-Mar-09
DG2531 VISHAY-DG2531 Datasheet
119Kb / 8P
   0.4-ohm Low-Voltage Dual SPDT Analog Switch
Rev. B, 16-Jan-06
DG2523 VISHAY-DG2523 Datasheet
159Kb / 10P
   0.4 Ω, Low Resistance and Capacitance, Dual DPDT / Quad SPDT Analog Switch
Rev. A, 17-Oct-16
logo
Integrated Device Techn...
932SQ426 IDT-932SQ426 Datasheet
379Kb / 25P
   64-pin TSSOP and VFQFPN packages
logo
Skyworks Solutions Inc.
SKY13598-683LF SKYWORKS-SKY13598-683LF Datasheet
163Kb / 2P
   0.4 to 3.8 GHz DPDT Ultra-High Isolation Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com