Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1233YCPZ-REEL Datasheet(PDF) 4 Page - Analog Devices

Part # ADG1233YCPZ-REEL
Description  Low Capacitance, Triple/Quad SPDT -15 V/12 V i CMOS Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1233YCPZ-REEL Datasheet(HTML) 4 Page - Analog Devices

  ADG1233YCPZ-REEL Datasheet HTML 1Page - Analog Devices ADG1233YCPZ-REEL Datasheet HTML 2Page - Analog Devices ADG1233YCPZ-REEL Datasheet HTML 3Page - Analog Devices ADG1233YCPZ-REEL Datasheet HTML 4Page - Analog Devices ADG1233YCPZ-REEL Datasheet HTML 5Page - Analog Devices ADG1233YCPZ-REEL Datasheet HTML 6Page - Analog Devices ADG1233YCPZ-REEL Datasheet HTML 7Page - Analog Devices ADG1233YCPZ-REEL Datasheet HTML 8Page - Analog Devices ADG1233YCPZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADG1233/ADG1234
Rev. A | Page 4 of 16
Y Version1
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD = +16.5 V, VSS = −16.5 V
IDD
0.002
μA typ
Digital inputs = 0 V or VDD
1.0
μA max
IDD
260
μA typ
Digital inputs = 5 V
420
μA max
ISS
0.002
μA typ
Digital inputs = 0 V or VDD
1.0
μA max
ISS
0.002
μA typ
Digital inputs = 5 V
1.0
μA max
VDD/VSS
±5/±16.5
V min/max
GND = 0 V
1 Temperature range for the Y version: −40°C to +125°C.
2 Guaranteed by design, not subject to production test.


Similar Part No. - ADG1233YCPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1233 AD-ADG1233_15 Datasheet
436Kb / 16P
   Low Capacitance, Triple/Quad SPDT
REV. B
More results

Similar Description - ADG1233YCPZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1334 AD-ADG1334 Datasheet
317Kb / 12P
   Quad SPDT -15 V/12 V Switches
Rev. 0
ADG1334 AD-ADG1334_15 Datasheet
318Kb / 12P
   Quad SPDT 15 V/12 V Switches
REV. 0
ADG1433 AD-ADG1433 Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1313 AD-ADG1313_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1312 AD-ADG1312_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1311 AD-ADG1311_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1311 AD-ADG1311 Datasheet
309Kb / 12P
   -15 V/12 V Quad SPST Switches
REV. 0
ADG733BRUZ AD-ADG733BRUZ Datasheet
369Kb / 12P
   CMOS, 2.5  Low Voltage Triple/Quad SPDT Switches
REV. A
ADG734BRUZ AD-ADG734BRUZ Datasheet
369Kb / 12P
   CMOS, 2.5  Low Voltage, Triple/Quad SPDT Switches
REV. A
ADG733BRU-REEL AD-ADG733BRU-REEL Datasheet
314Kb / 12P
   CMOS, 2.5  Low Voltage, Triple/Quad SPDT Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com