Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1309BRUZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADG1309BRUZ
Description  4- and 8-Channel -15 V/12 V Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1309BRUZ Datasheet(HTML) 4 Page - Analog Devices

  ADG1309BRUZ Datasheet HTML 1Page - Analog Devices ADG1309BRUZ Datasheet HTML 2Page - Analog Devices ADG1309BRUZ Datasheet HTML 3Page - Analog Devices ADG1309BRUZ Datasheet HTML 4Page - Analog Devices ADG1309BRUZ Datasheet HTML 5Page - Analog Devices ADG1309BRUZ Datasheet HTML 6Page - Analog Devices ADG1309BRUZ Datasheet HTML 7Page - Analog Devices ADG1309BRUZ Datasheet HTML 8Page - Analog Devices ADG1309BRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADG1308/ADG1309
Rev. 0 | Page 4 of 16
Parameter
+25ºC
−40ºC to +105ºC
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD = +16.5 V, VSS =
−16.5 V
IDD
0.002
μA typ
Digital inputs = 0 V or VDD
1.0
μA max
IDD
220
μA typ
Digital inputs = 5 V
320
μA max
ISS
0.002
μA typ
Digital inputs = 0 V or VDD or 5 V
1.0
μA max
VDD/VSS
±5/±16.5
V min/V max |VDD| = |VSS|
1 Temperature range for B version is –40°C to +105°C.
2 Guaranteed by design; not subject to production test.


Similar Part No. - ADG1309BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1309 AD-ADG1309_15 Datasheet
361Kb / 16P
   4 and 8Channel 15 V/12 V Multiplexers
REV. A
More results

Similar Description - ADG1309BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1308 AD-ADG1308_15 Datasheet
361Kb / 16P
   4 and 8 Channel 15 V/12 V Multiplexers
REV. A
ADG1309 AD-ADG1309_15 Datasheet
361Kb / 16P
   4 and 8Channel 15 V/12 V Multiplexers
REV. A
ADG1409 AD-ADG1409_15 Datasheet
459Kb / 20P
   4 RON, 4/8 Channel 15 V/12 V/5 V CMOS Multiplexers
REV. B
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
ADG1206 AD-ADG1206 Datasheet
483Kb / 20P
   Low Capacitance, 16- and 8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
logo
Vishay Siliconix
DG1408 VISHAY-DG1408 Datasheet
254Kb / 14P
   3.2 Ω, 8-Channel / Dual 4-Channel, ± 15 V, 12 V, ± 5 V Precision Multiplexers
Rev. B, 22-Sep-14
DG1408 VISHAY-DG1408_V01 Datasheet
263Kb / 14P
   3.2 廓, 8-Channel / Dual 4-Channel, 짹 15 V, 12 V, 짹 5 V Precision Multiplexers
01-Jan-2022
logo
Analog Devices
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
   4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com