Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5323-EVAL Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5323-EVAL
Description  1700 MHz to 2400 MHz GaAs Matched RF PA Predriver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5323-EVAL Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5323-EVAL Datasheet HTML 4Page - Analog Devices ADL5323-EVAL Datasheet HTML 5Page - Analog Devices ADL5323-EVAL Datasheet HTML 6Page - Analog Devices ADL5323-EVAL Datasheet HTML 7Page - Analog Devices ADL5323-EVAL Datasheet HTML 8Page - Analog Devices ADL5323-EVAL Datasheet HTML 9Page - Analog Devices ADL5323-EVAL Datasheet HTML 10Page - Analog Devices ADL5323-EVAL Datasheet HTML 11Page - Analog Devices ADL5323-EVAL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADL5323
Rev. 0 | Page 9 of 12
EVALUATION BOARD
Figure 18 shows the schematic of the ADL5323 evaluation
board. The board is powered by a single supply in the 4.75 V to
5.25 V range. The power supply is decoupled on each of the
three power supply pins by 10 μF, 10 nF, and 100 pF capacitors.
See Table 5 for the exact evaluation board component values.
Note that all three VCC pins (Pin 1, Pin 2, and Pin 5) should be
independently bypassed as shown in Figure 18 for proper
operation.
Figure 17. Evaluation Board Component Side View
Table 5. Evaluation Board Components
Component
Function
Default Value
DUT1
Driver amplifier
ADL5323
C1, C12, C16
Low frequency bypass capacitors
10 μF, 0603
C3, C11, C17
Low frequency bypass capacitors
10 nF, 0402
C2, C10, C18
High frequency bypass capacitors
100 pF, 0402
C8, C9, C13, C14, R3
Open
Open , 0402
R2, R4
AC coupling capacitors
100 pF, 0402
AGND
AGND
AGND
AGND
AGND
AGND
VCC
RFIN
RFOUT
ADL5322/
ADL5323
VCC
VCC
GND
GND
RFIN
VCC
GND
RFOUT
R2
100pF
DUT1
VCC
VCC
VCC
GND
8
7
6
5
1
2
3
4
AGND
C2
100pF
C1
10µF
C3
10nF
AGND
AGND
C8
OPEN
C9
OPEN
R4
100pF
VCC
TP2
VCC
SNS1
AGND
AGND
AGND
C16
10µF
C18
100pF
TP1
C17
10nF
AGND
AGND
AGND
C12
10µF
C10
100pF
C11
10nF
AGND
AGND
C13
OPEN
C14
OPEN
R3
OPEN
W1
Figure 18. Evaluation Board Schematic


Similar Part No. - ADL5323-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5323 AD-ADL5323_15 Datasheet
200Kb / 12P
   1700 MHz to 2400 MHz GaAs Matched RF PA Predriver
REV. A
More results

Similar Description - ADL5323-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5323 AD-ADL5323_15 Datasheet
200Kb / 12P
   1700 MHz to 2400 MHz GaAs Matched RF PA Predriver
REV. A
ADL5322 AD-ADL5322 Datasheet
231Kb / 12P
   700 MHz to 1000 MHz GaAs Matched RF PA Predriver
REV. 0
ADL5322 AD-ADL5322_15 Datasheet
226Kb / 12P
   700 MHz to 1000 MHz GaAs Matched RF PA Predriver
REV. A
logo
Tyco Electronics
MAALSS0045 MACOM-MAALSS0045 Datasheet
144Kb / 4P
   High Dynamic Range LNA 1700 - 2400 MHz
AM50-0012 MACOM-AM50-0012_1 Datasheet
145Kb / 4P
   High Dynamic Range LNA 1700-2400 MHz
logo
Analog Devices
ADL5592ACPZ AD-ADL5592ACPZ Datasheet
1Mb / 20P
   250 MHz to 2400 MHz RF Variable Gain Amplifier
REV. 0
ADL5592 AD-ADL5592 Datasheet
1Mb / 20P
   250 MHz to 2400 MHz RF Variable Gain Amplifier
REV. 0
logo
List of Unclassifed Man...
LFCN-1700 ETC-LFCN-1700 Datasheet
140Kb / 1P
   DC to 1700 MHz
logo
ANADIGICS, Inc
AWL9232 ANADIGICS-AWL9232 Datasheet
573Kb / 18P
   802.11b/g/n WLAN PA/LNA/RF Switch 2400 - 2500 MHz
logo
Analog Devices
ADRF6702ACPZ-R7 AD-ADRF6702ACPZ-R7 Datasheet
1Mb / 36P
   1200 MHz to 2400 MHz Quadrature Modulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com