Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS51021A Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS51021A
Description  Enhanced Current Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51021A Datasheet(HTML) 1 Page - ON Semiconductor

  CS51021A Datasheet HTML 1Page - ON Semiconductor CS51021A Datasheet HTML 2Page - ON Semiconductor CS51021A Datasheet HTML 3Page - ON Semiconductor CS51021A Datasheet HTML 4Page - ON Semiconductor CS51021A Datasheet HTML 5Page - ON Semiconductor CS51021A Datasheet HTML 6Page - ON Semiconductor CS51021A Datasheet HTML 7Page - ON Semiconductor CS51021A Datasheet HTML 8Page - ON Semiconductor CS51021A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 8
1
Publication Order Number:
CS51021A/D
CS51021A, CS51022A,
CS51023A, CS51024A
Enhanced Current Mode
PWM Controller
The CS51021A/2A/3A/4A Fixed Frequency PWM Current Mode
Controller family provides all necessary features required for AC−DC
or DC−DC primary side control. Several features are included
eliminating the additional components needed to implement them
externally. In addition to low startup current (75
mA) and high
frequency operation capability, the CS51021A/2A/3A/4A family
includes overvoltage and undervoltage monitoring, externally
programmable dual threshold overcurrent protection, current sense
leading edge blanking, current slope compensation, accurate duty cycle
control and an externally available 5.0 V reference. The CS51021A
and CS51023A feature bidirectional synchronization capability, while
the CS51022A and CS51024A offer a sleep mode with 100
mA
maximum IC current consumption. The CS51021A/2A/3A/4A family
is available in a 16 lead narrow body SOIC package.
Device
Sleep/Synch
VCC Start/Stop
CS51021A
Synch
8.25 V/7.7 V
CS51022A
Sleep
8.25 V/7.7 V
CS51023A
Synch
13 V/7.7 V
CS51024A
Sleep
13 V/7.7 V
Features
75 mA Max. Startup Current
Fixed Frequency Current Mode Control
1.0 MHz Switching Frequency
Undervoltage Protection Monitor
Overvoltage Protection Monitor with Programmable Hysteresis
Programmable Dual Threshold Overcurrent Protection with
Delayed Restart
Programmable Soft Start
Accurate Maximum Duty Cycle Limit
Programmable Slope Compensation
Leading Edge Current Sense Blanking
1.0 A Sink/Source Gate Drive
Bidirectional Synchronization (CS51021A/3A)
50 ns PWM Propagation Delay
100 mA Max Sleep Current (CS51022A/4A)
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
x
= Specific Device Code
A
= Assembly Location
WL, L
= Wafer Lot
Y
= Year
WW, W = Work Week
G or
G = Pb−Free Package
SOIC−16
D SUFFIX
CASE 751B
1
16
VFB
ISET
1
16
COMP
RTCT
SS
OV
LGND
UV
VREF
SLOPE
VCC
SLEEP or SYNC
PGND
ISENSE
VC
GATE
PIN CONNECTIONS AND
MARKING DIAGRAMS
http://onsemi.com
1
16
TSSOP−16
DTB SUFFIX
CASE 948F
116
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION


Similar Part No. - CS51021A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51021A ONSEMI-CS51021A Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS51021AA ONSEMI-CS51021AA Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - CS51021A

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51021 CHERRY-CS51021 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
logo
ON Semiconductor
CS51221 ONSEMI-CS51221 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221 ONSEMI-CS51221_09 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
NCP1294 ONSEMI-NCP1294 Datasheet
229Kb / 13P
   Enhanced Voltage Mode PWM Controller
July, 2009 ??Rev. 0
CS51221 ONSEMI-CS51221 Datasheet
173Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
logo
Cherry Semiconductor Co...
CS51221 CHERRY-CS51221 Datasheet
164Kb / 12P
   Enhanced Voltage Mode PWM Controller
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com