Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS51021AEDR16 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS51021AEDR16
Description  Enhanced Current Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51021AEDR16 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS51021AEDR16 Datasheet HTML 2Page - ON Semiconductor CS51021AEDR16 Datasheet HTML 3Page - ON Semiconductor CS51021AEDR16 Datasheet HTML 4Page - ON Semiconductor CS51021AEDR16 Datasheet HTML 5Page - ON Semiconductor CS51021AEDR16 Datasheet HTML 6Page - ON Semiconductor CS51021AEDR16 Datasheet HTML 7Page - ON Semiconductor CS51021AEDR16 Datasheet HTML 8Page - ON Semiconductor CS51021AEDR16 Datasheet HTML 9Page - ON Semiconductor CS51021AEDR16 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CS51021A, CS51022A, CS51023A, CS51024A
http://onsemi.com
6
D2
Start
+
Stop
SS
+
Clamp
E/A
+
ISET
+
Clamp
D3
D1
20 k
10 k
VFB
+
Monitor
G4
PWM
+
Comp
55 ns
Blank
Σ
ISENSE
SLOPE
VFB
COMP
RTCT
2nd
+
Threshold
OV
+
Monitor
DISABLE
0.1
0.8
Q2
1.33
53
mA
ISET
OV
12.5
mA
VREF
2.5 V
+
+
2.0 V
+
2.5 V
VREF
VISENSE
SS
+
Monitor
Discharge
Latch
UV
+
Monitor
1.45 V
+
4.7 V
+
S
R
Q
F1
G1
G2
D4
ZD1
13.5 V
VC
GATE
PGND
SS
UV
G3
FAULT
55
mA
VREF
OSC
SYNC
4.3 V
200 ns
+
VREF_OK
+
4.75 V
VREF = 5.0 V
+
+
0.1 V
VCC_OK
VREF
SLEEP
LGND
VCC
Figure 2. Block Diagram


Similar Part No. - CS51021AEDR16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51021A ONSEMI-CS51021A Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS51021AA ONSEMI-CS51021AA Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - CS51021AEDR16

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51021 CHERRY-CS51021 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
logo
ON Semiconductor
CS51221 ONSEMI-CS51221 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221 ONSEMI-CS51221_09 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
NCP1294 ONSEMI-NCP1294 Datasheet
229Kb / 13P
   Enhanced Voltage Mode PWM Controller
July, 2009 ??Rev. 0
CS51221 ONSEMI-CS51221 Datasheet
173Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
logo
Cherry Semiconductor Co...
CS51221 CHERRY-CS51221 Datasheet
164Kb / 12P
   Enhanced Voltage Mode PWM Controller
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com