Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM202EARU Datasheet(PDF) 1 Page - Analog Devices

Part # ADM202EARU
Description  EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM202EARU Datasheet(HTML) 1 Page - Analog Devices

  ADM202EARU Datasheet HTML 1Page - Analog Devices ADM202EARU Datasheet HTML 2Page - Analog Devices ADM202EARU Datasheet HTML 3Page - Analog Devices ADM202EARU Datasheet HTML 4Page - Analog Devices ADM202EARU Datasheet HTML 5Page - Analog Devices ADM202EARU Datasheet HTML 6Page - Analog Devices ADM202EARU Datasheet HTML 7Page - Analog Devices ADM202EARU Datasheet HTML 8Page - Analog Devices ADM202EARU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
EMI/EMC-Compliant, ±15 kV, ESD-Protected
RS-232 Line Drivers/Receivers
ADM202E/ADM1181A
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Complies with 89/336/EEC EMC directive
ESD protection to IEC1000-4-2 (801.2)
±8 kV: contact discharge
±15 kV: air-gap discharge
±15 kV: human body model
EFT fast transient/burst immunity (IEC1000-4-4)
Low EMI emissions (EN55022)
230 kbits/s data rate guaranteed
TSSOP package option
Upgrade for MAX202E, 232E, LT1181A
APPLICATIONS
General-purpose RS-232 data link
Portable instruments
PDAs
GENERAL DESCRIPTION
The ADM202E and ADM1181A are robust, high speed,
2-channel RS-232/V.28 interface devices that operate from a
single 5 V power supply. Both products are suitable for operation
in harsh electrical environments and are compliant with the EU
directive on EMC (89/336/EEC). Both the level of electromagnetic
emissions and immunity are in compliance. EM immunity
includes ESD protection in excess of ±15 kV on all I/O lines,
fast transient/burst protection (1000-4-4), and radiated
immunity (1000-4-3). EM emissions include radiated and
conducted emissions as required by Information Technology
Equipment EN55022, CISPR22.
The ADM202E and ADM1181A conform to the EIA-232E
and CCITT V.28 specifications and operate at data rates up
to 230 kbps.
Four external 0.1 µF charge-pump capacitors are used for the
voltage doubler/inverter, permitting operation from a single
5 V supply.
FUNCTIONAL BLOCK DIAGRAMS
*INTERNAL 5kΩ PULL-DOWN RESISTOR ON EACH RS-232 INPUT
C1+
C1–
C2+
C2–
VCC
10V
10V
V+
V–
+5V TO +10V
VOLTAGE
DOUBLER
5V INPUT
C3
6.3V
+10V TO –10V
VOLTAGE
INVERTER
C4
10V
T1OUT
T1IN
C5
T2OUT
T2IN
ADM202E
R1OUT
R2OUT
R1IN
R2IN
CMOS
INPUTS
CMOS
OUTPUTS
EIA/TIA-232
OUTPUTS
EIA/TIA-232
INPUTS
*
GND
T1
T2
R1
R2
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
Figure 1.
*INTERNAL 5kΩ PULL-DOWN RESISTOR ON EACH RS-232 INPUT
C1+
C1–
C2+
C2–
VCC
0.1
µF
10V
10V
V+
V–
+5V TO +10V
VOLTAGE
DOUBLER
5V INPUT
C3
10V
+10V TO –10V
VOLTAGE
INVERTER
C4
0.1
µF
10V
T1OUT
T1IN
C5
0.1
µF
10V
T2OUT
T2IN
ADM1181A
R1OUT
R2OUT
R1IN
R2IN
CMOS
INPUTS
CMOS
OUTPUTS
EIA/TIA-232
OUTPUTS
EIA/TIA-232
INPUTS
*
GND
T1
T2
R1
R2
0.1
µF
0.1
µF
Figure 2.
The ADM202E provides a robust pin-compatible upgrade for
existing ADM202, ADM232L, or MAX202E/MAX232E sockets.
It is available in a 16-lead PDIP, a wide SOIC, a narrow SOIC,
and a space-saving TSSOP package that is 44% smaller than the
SOIC package.
The ADM1181A provides a robust pin-compatible upgrade for
the LTC1181A, and it is available in a 16-lead PDIP package
and a wide 16-lead SOIC package.


Similar Part No. - ADM202EARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM202EARU AD-ADM202EARU Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM202EARU AD-ADM202EARU Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM202EARU-REEL AD-ADM202EARU-REEL Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM202EARU-REEL7 AD-ADM202EARU-REEL7 Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM202EARUZ AD-ADM202EARUZ Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
More results

Similar Description - ADM202EARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM202E AD-ADM202E Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM202E AD-ADM202E_V01 Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM206E AD-ADM206E Datasheet
204Kb / 16P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. B
ADM213EARZ-REEL AD-ADM213EARZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM206E AD-ADM206E_06 Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ-REEL AD-ADM213EARSZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ AD-ADM213EARSZ Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM2209E AD-ADM2209E Datasheet
142Kb / 12P
   EMI-/EMC-Compliant -15 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM2209EARUZ AD-ADM2209EARUZ Datasheet
146Kb / 12P
   EMI-/EMC-Compliant 615 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com