Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM202EARUZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADM202EARUZ
Description  EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM202EARUZ Datasheet(HTML) 5 Page - Analog Devices

  ADM202EARUZ Datasheet HTML 1Page - Analog Devices ADM202EARUZ Datasheet HTML 2Page - Analog Devices ADM202EARUZ Datasheet HTML 3Page - Analog Devices ADM202EARUZ Datasheet HTML 4Page - Analog Devices ADM202EARUZ Datasheet HTML 5Page - Analog Devices ADM202EARUZ Datasheet HTML 6Page - Analog Devices ADM202EARUZ Datasheet HTML 7Page - Analog Devices ADM202EARUZ Datasheet HTML 8Page - Analog Devices ADM202EARUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADM202E/ADM1181A
Rev. C | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
14
13
12
11
16
15
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
C1+
R1IN
T1OUT
GND
VCC
V+
C1–
C2+
T2IN
T1IN
R1OUT
C2–
V–
T2OUT
R2IN
R2OUT
ADM202E
ADM1181A
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
16
VCC
Power Supply Input: 5 V ± 10%.
2
V+
Internally Generated Positive Supply (+9 V nominal).
6
V−
Internally Generated Negative Supply (−9 V nominal).
15
GND
Ground Pin. Must be connected to 0 V.
1, 3
C1+, C1−
External Capacitor 1 is connected between these pins. A 0.1 µF capacitor is recommended, but larger
capacitors of up to 47 µF can be used.
4, 5
C2+, C2−
External Capacitor 2 is connected between these pins. A 0.1 µF capacitor is recommended, but larger
capacitors of up to 47 µF can be used.
10, 11
TIN
Transmitter (Driver) Inputs. These inputs accept TTL/CMOS levels.
7, 14
TOUT
Transmitter (Driver) Outputs. These are RS-232 signal levels (typically ±9 V).
8, 13
RIN
Receiver Inputs. These inputs accept RS-232 signal levels. An internal 5 kΩ pull-down resistor to GND is
connected on each input.
9, 12
ROUT
Receiver Outputs. These are CMOS output logic levels.
*INTERNAL 5kΩ PULL-DOWN RESISTOR ON EACH RS-232 INPUT
C1+
C1–
C2+
C2–
VCC
10V
10V
V+
V–
+5V TO +10V
VOLTAGE
DOUBLER
5V INPUT
C3
6.3V
+10V TO –10V
VOLTAGE
INVERTER
C4
10V
T1OUT
T1IN
C5
T2OUT
T2IN
ADM202E
R1OUT
R2OUT
R1IN
R2IN
CMOS
INPUTS
CMOS
OUTPUTS
EIA/TIA-232
OUTPUTS
EIA/TIA-232
INPUTS
*
GND
T1
T2
R1
R2
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
13
1
3
4
5
11
10
12
9
15
8
7
14
6
2
16
Figure 4. ADM202E Typical Operating Circuit
*INTERNAL 5kΩ PULL-DOWN RESISTOR ON EACH RS-232 INPUT
C1+
C1–
C2+
C2–
VCC
0.1
µF
10V
10V
V+
V–
+5V TO +10V
VOLTAGE
DOUBLER
5V INPUT
C3
10V
+10V TO –10V
VOLTAGE
INVERTER
C4
0.1
µF
10V
T1OUT
T1IN
C5
0.1
µF
10V
T2OUT
T2IN
ADM1181A
R1OUT
R2OUT
R1IN
R2IN
CMOS
INPUTS
CMOS
OUTPUTS
EIA/TIA-232
OUTPUTS
EIA/TIA-232
INPUTS
*
GND
T1
T2
R1
R2
0.1
µF
0.1
µF
13
1
3
4
5
11
10
12
9
15
8
7
14
6
2
16
Figure 5. ADM1181A Typical Operating Circuit


Similar Part No. - ADM202EARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM202EARUZ AD-ADM202EARUZ Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM202EARUZ-REEL AD-ADM202EARUZ-REEL Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM202EARUZ-REEL7 AD-ADM202EARUZ-REEL7 Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
More results

Similar Description - ADM202EARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM202E AD-ADM202E Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM202E AD-ADM202E_V01 Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM206E AD-ADM206E Datasheet
204Kb / 16P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. B
ADM213EARZ-REEL AD-ADM213EARZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM206E AD-ADM206E_06 Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ-REEL AD-ADM213EARSZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ AD-ADM213EARSZ Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM2209E AD-ADM2209E Datasheet
142Kb / 12P
   EMI-/EMC-Compliant -15 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM2209EARUZ AD-ADM2209EARUZ Datasheet
146Kb / 12P
   EMI-/EMC-Compliant 615 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com