Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMF5XV6T5G Datasheet(PDF) 2 Page - ON Semiconductor

Part # EMF5XV6T5G
Description  Power Management, Dual Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMF5XV6T5G Datasheet(HTML) 2 Page - ON Semiconductor

  EMF5XV6T5G Datasheet HTML 1Page - ON Semiconductor EMF5XV6T5G Datasheet HTML 2Page - ON Semiconductor EMF5XV6T5G Datasheet HTML 3Page - ON Semiconductor EMF5XV6T5G Datasheet HTML 4Page - ON Semiconductor EMF5XV6T5G Datasheet HTML 5Page - ON Semiconductor EMF5XV6T5G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EMF5XV6T5
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, common for Q1 and Q2)
Characteristic
Symbol
Min
Typ
Max
Unit
Q1
OFF CHARACTERISTICS
Collector-Base Cutoff Current
(VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector-Emitter Cutoff Current
(VCE = 50 V, IB = 0)
ICEO
500
nAdc
Emitter-Base Cutoff Current
(VEB = 6.0 V, IC = 0)
IEBO
0.1
mAdc
Collector-Base Breakdown Voltage
(IC = 10 mA, IE = 0)
V(BR)CBO
50
Vdc
Collector-Emitter Breakdown Voltage (Note 3)
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
ON CHARACTERISTICS (Note 3)
DC Current Gain
(VCE = 10 V, IC = 5.0 mA)
hFE
80
140
Collector-Emitter Saturation Voltage
(IC = 10 mA, IB = 0.3 mA)
VCE(sat)
0.25
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kW)
VOL
0.2
Vdc
Output Voltage (off)
(VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
VOH
4.9
Vdc
Input Resistor
R1
32.9
47
61.1
k
W
Resistor Ratio
R1/R2
0.8
1.0
1.2
Q2
OFF CHARACTERISTICS
Collector −Emitter Breakdown Voltage
(IC = −10 mAdc, IB = 0)
V(BR)CEO
−12
Vdc
Collector −Base Breakdown Voltage
(IC = −0.1 mAdc, IE = 0)
V(BR)CBO
−15
Vdc
Emitter −Base Breakdown Voltage
(IE = −0.1 mAdc, IC = 0)
V(BR)EBO
−6.0
Vdc
Collector Cutoff Current
(VCB = −15 Vdc, IE = 0)
ICBO
−0.1
mAdc
Emitter Cutoff Current
(VEB = −6.0 Vdc)
IEBO
−0.1
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 4)
(IC = −10 mA, VCE = −2.0 V)
hFE
270
680
Collector −Emitter Saturation Voltage (Note 4)
(IC = −200 mA, IB = −10 mA)
VCE(sat)
−250
mV
Base −Emitter Saturation Voltage (Note 4)
(IC = −150 mA, IB = −20 mA)
VBE(sat)
−0.81
−0.90
V
Base −Emitter Turn−on Voltage (Note 4)
(IC = −150 mA, VCE = −3.0 V)
VBE(on)
−0.81
−0.875
V
Input Capacitance
(VEB = 0 V, f = 1.0 MHz)
Cibo
52
pF
Output Capacitance
(VCB = 0 V, f = 1.0 MHz)
Cobo
30
pF
Turn−On Time
(IBI = −50 mA, IC = −500 mA, RL = 3.0 W)
ton
50
ns
Turn−Off Time
(IB1 = IB2 = −50 mA, IC = −500 mA, RL = 3.0 W)
toff
80
ns
3. Pulse Test: Pulse Width < 300
ms, Duty Cycle < 2.0%.
4. Pulsed Condition: Pulse Width = 300
msec, Duty Cycle ≤ 2%.
Figure 1. Derating Curve
300
200
150
100
50
0
−50
0
50
100
150
TA, AMBIENT TEMPERATURE (°C)
RqJA = 833°C/W
250


Similar Part No. - EMF5XV6T5G

ManufacturerPart #DatasheetDescription
logo
Rohm
EMF5 ROHM-EMF5 Datasheet
99Kb / 5P
   Power management (dual transistors)
EMF5 ROHM-EMF5 Datasheet
89Kb / 5P
   Power management (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMF5 HTSEMI-EMF5 Datasheet
553Kb / 2P
   General purpose transistors (dual transistors)
logo
Rohm
EMF5 ROHM-EMF5 Datasheet
72Kb / 5P
   Power management (dual transistors)
logo
Jiangsu Changjiang Elec...
EMF5 JIANGSU-EMF5 Datasheet
798Kb / 4P
   Dual Transistors (PNPNPN)
More results

Similar Description - EMF5XV6T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMG2DXV5T1 ONSEMI-EMG2DXV5T1 Datasheet
69Kb / 7P
   Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005 ??Rev. 0
logo
AiT Semiconductor Inc.
DTA114EM AITSEMI-DTA114EM Datasheet
1Mb / 14P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Leshan Radio Company
LMUN2237LT1 LRC-LMUN2237LT1 Datasheet
100Kb / 4P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LDTC114EET1G LEIDITECH-LDTC114EET1G Datasheet
1Mb / 9P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
E-Tech Electronics LTD
MUN5111W ETL-MUN5111W Datasheet
577Kb / 11P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN5111DW1T1 LRC-LMUN5111DW1T1 Datasheet
321Kb / 12P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
LMUN5311DW1T1 LRC-LMUN5311DW1T1 Datasheet
424Kb / 29P
   Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
EMD4DXV6T1 ONSEMI-EMD4DXV6T1 Datasheet
65Kb / 5P
   Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005??Rev. 1
logo
Leshan Radio Company
LMUN5211DW1T1 LRC-LMUN5211DW1T1 Datasheet
169Kb / 10P
   Dual Bias ResistorTransistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
AiT Semiconductor Inc.
DTA114EW AITSEMI-DTA114EW Datasheet
448Kb / 5P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com