Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR211 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BR211
Description  Breakover diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BR211 Datasheet(HTML) 1 Page - NXP Semiconductors

  BR211 Datasheet HTML 1Page - NXP Semiconductors BR211 Datasheet HTML 2Page - NXP Semiconductors BR211 Datasheet HTML 3Page - NXP Semiconductors BR211 Datasheet HTML 4Page - NXP Semiconductors BR211 Datasheet HTML 5Page - NXP Semiconductors BR211 Datasheet HTML 6Page - NXP Semiconductors BR211 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
Breakover diodes
BR211 series
GENERAL DESCRIPTION
QUICK REFERENCE DATA
A range of bidirectional, breakover
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
diodes in an axial, hermetically
sealed,
glass
envelope.
These
BR211-140 to 280
devices feature controlled breakover
V
(BO)
Breakover voltage
140
280
V
voltage and high holding current
I
H
Holding current
150
-
mA
together with high peak current
I
TSM
Non-repetitive peak current
-
40
A
handling
capability.
Typical
applications
include
transient
overvoltage
protection
in
telecommunications equipment.
OUTLINE - SOD84
SYMBOL
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
D
Continuous voltage
-
75% of
V
V
(BO)typ
I
TSM1
Non repetitive peak current
10/320
µs impulse equivalent to
-
40
A
10/700
µs, 1.6 kV voltage impulse
(CCITT K17)
I
TSM2
Non repetitive on-state current
half sine wave; t = 10 ms;
-
15
A
T
j = 70 ˚C prior to surge
I
2tI2t for fusing
t
p = 10 ms
-
1.1
A
2s
dI
T/dt
Rate of rise of on-state current
t
p = 10 µs
-
50
A/
µs
after V
(BO) turn-on
P
tot
Continuous dissipation
T
a = 25˚C
-
1.2
W
P
TM
Peak dissipation
t
p = 1 ms; Ta = 25˚C
-
50
W
T
stg
Storage temperature
-65
150
˚C
T
a
Operating ambient temperature off-state
-
70
˚C
T
vj
Overload junction temperature
on-state
-
150
˚C
XXX denotes voltage grade
August 1996
1
Rev 1.200


Similar Part No. - BR211

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BR211SM PHILIPS-BR211SM Datasheet
32Kb / 6P
   Breakover diodes
August 1996 Rev 1.100
BR211SM-140 PHILIPS-BR211SM-140 Datasheet
32Kb / 6P
   Breakover diodes
August 1996 Rev 1.100
BR211SM-160 PHILIPS-BR211SM-160 Datasheet
32Kb / 6P
   Breakover diodes
August 1996 Rev 1.100
BR211SM-180 PHILIPS-BR211SM-180 Datasheet
32Kb / 6P
   Breakover diodes
August 1996 Rev 1.100
BR211SM-200 PHILIPS-BR211SM-200 Datasheet
32Kb / 6P
   Breakover diodes
August 1996 Rev 1.100
More results

Similar Description - BR211

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBOD1-12 IXYS-IXBOD1-12 Datasheet
252Kb / 8P
   Breakover Diodes
logo
NXP Semiconductors
BR211SM PHILIPS-BR211SM Datasheet
32Kb / 6P
   Breakover diodes
August 1996 Rev 1.100
logo
IXYS Corporation
IXBOD1-13RD IXYS-IXBOD1-13RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-24RD IXYS-IXBOD1-24RD Datasheet
258Kb / 8P
   Breakover Diodes
logo
NXP Semiconductors
BRS212 PHILIPS-BRS212 Datasheet
32Kb / 6P
   Breakover diodes
January 1997 Rev 1.000
logo
IXYS Corporation
IXBOD1-12RD IXYS-IXBOD1-12RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-40R IXYS-IXBOD1-40R Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-28RD IXYS-IXBOD1-28RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1 IXYS-IXBOD1 Datasheet
158Kb / 5P
   Breakover Diode Gen
logo
List of Unclassifed Man...
CR0300 ETC1-CR0300 Datasheet
306Kb / 9P
   Thyristors (SiBOD Breakover Devices)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com