Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA123EM3T5G Datasheet(PDF) 10 Page - ON Semiconductor

Part # DTA123EM3T5G
Description  Digital Transistors (BRT) PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTA123EM3T5G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button DTA123EM3T5G Datasheet HTML 4Page - ON Semiconductor DTA123EM3T5G Datasheet HTML 5Page - ON Semiconductor DTA123EM3T5G Datasheet HTML 6Page - ON Semiconductor DTA123EM3T5G Datasheet HTML 7Page - ON Semiconductor DTA123EM3T5G Datasheet HTML 8Page - ON Semiconductor DTA123EM3T5G Datasheet HTML 9Page - ON Semiconductor DTA123EM3T5G Datasheet HTML 10Page - ON Semiconductor DTA123EM3T5G Datasheet HTML 11Page - ON Semiconductor DTA123EM3T5G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DTA114EM3T5G Series
http://onsemi.com
10
TYPICAL ELECTRICAL CHARACTERISTICS — DTA144WM3T5G
Figure 28. Maximum Collector Voltage versus
Collector Current
Figure 29. DC Current Gain
Figure 30. Output Capacitance
Figure 31. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (VOLTS)
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 32. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
1
0.1
35
30
25
20
15
10
5
0
IC, COLLECTOR CURRENT (mA)
100
10
1
100
10
0.01
1000
1.4
0.6
60
50
40
30
20
10
0
0
0.2
0.4
0.8
1.0
100
6
5
4
3
2
1
0
0.001
1
10
11
9
8
7
100
15
10
5
0
1
10
20
25
50
45
40
0.1
0.01
10
1.2
f = 1 MHz
IE = 0 V
TA = 25°C
75
°C
25
°C
TA = −25°C
VO = 5 V
75
°C
25
°C
TA = −25°C
VO = 0.2 V
75
°C
25
°C
TA = −25°C
IC/IB = 10
VCE = 10 V
75
°C
25
°C
TA = −25°C


Similar Part No. - DTA123EM3T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTA123EM3T5G ONSEMI-DTA123EM3T5G Datasheet
133Kb / 10P
   Digital Transistors (BRT) R1 = 2.2 k, R2 = 2.2 k
January, 2015 ??Rev. 4
DTA123EM3T5G ONSEMI-DTA123EM3T5G Datasheet
103Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
January, 2015 ??Rev. 4
DTA123EM3T5G ONSEMI-DTA123EM3T5G Datasheet
176Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
More results

Similar Description - DTA123EM3T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114EXV3T1 ONSEMI-DTC114EXV3T1 Datasheet
100Kb / 10P
   Digital Transistors (BRT) NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
January, 2004 ??Rev. 0
DTC114EM3T5G ONSEMI-DTC114EM3T5G Datasheet
82Kb / 10P
   Digital Transistors (BRT) NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
March, 2006 ??Rev. 3
logo
AiT Semiconductor Inc.
DTA114EE AITSEMI-DTA114EE Datasheet
719Kb / 10P
   DIGITAL TRANSISTORS (BRT) NPN TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Shanghai Leiditech Elec...
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
   Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
E-Tech Electronics LTD
MUN5111W ETL-MUN5111W Datasheet
577Kb / 11P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN5111DW1T1 LRC-LMUN5111DW1T1 Datasheet
321Kb / 12P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
LDTA115EM3T5G LRC-LDTA115EM3T5G_15 Datasheet
143Kb / 11P
   PNP Silicon Surface Mount Transistors With Monolithic Bias Resistor Network
logo
Hi-Sincerity Mocroelect...
HUN2111 HSMC-HUN2111 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTA115EET1 ONSEMI-DTA115EET1 Datasheet
142Kb / 12P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
July, 2004 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com