Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA123EM3T5G Datasheet(PDF) 2 Page - ON Semiconductor

Part # DTA123EM3T5G
Description  Digital Transistors (BRT) PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTA123EM3T5G Datasheet(HTML) 2 Page - ON Semiconductor

  DTA123EM3T5G Datasheet HTML 1Page - ON Semiconductor DTA123EM3T5G Datasheet HTML 2Page - ON Semiconductor DTA123EM3T5G Datasheet HTML 3Page - ON Semiconductor DTA123EM3T5G Datasheet HTML 4Page - ON Semiconductor DTA123EM3T5G Datasheet HTML 5Page - ON Semiconductor DTA123EM3T5G Datasheet HTML 6Page - ON Semiconductor DTA123EM3T5G Datasheet HTML 7Page - ON Semiconductor DTA123EM3T5G Datasheet HTML 8Page - ON Semiconductor DTA123EM3T5G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DTA114EM3T5G Series
http://onsemi.com
2
ORDERING INFORMATION, DEVICE MARKING AND RESISTOR VALUES
Device
Marking
R1 (K)
R2 (K)
Package
Shipping
DTA114EM3T5G
DTA124EM3T5G*
DTA144EM3T5G
DTA114YM3T5G
DTA114TM3T5G
DTA143TM3T5G*
DTA123EM3T5G*
DTA143EM3T5G*
DTA143ZM3T5G*
DTA124XM3T5G
DTA123JM3T5G*
DTA115EM3T5G
DTA144WM3T5G*
6A
6B
6C
6D
6E
6F
6H
6J
6K
6L
6M
6N
6P
10
22
47
10
10
4.7
2.2
4.7
4.7
22
2.2
100
47
10
22
47
47
2.2
4.7
47
47
47
100
22
SOT−723
(Pb−Free)
8000/Tape & Reel
*Available upon request
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation,
FR−4 Board (Note 1.) @ TA = 25°C
Derate above 25
°C
PD
260
2.0
mW
mW/
°C
Thermal Resistance, Junction to Ambient (Note 1.)
RqJA
480
°C/W
Total Device Dissipation,
FR−4 Board (Note 2.) @ TA = 25°C
Derate above 25
°C
PD
600
4.8
mW
mW/
°C
Thermal Resistance, Junction to Ambient (Note 2.)
RqJA
205
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
1. FR−4 @ Minimum Pad
2. FR−4 @ 1.0
× 1.0 Inch Pad


Similar Part No. - DTA123EM3T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTA123EM3T5G ONSEMI-DTA123EM3T5G Datasheet
133Kb / 10P
   Digital Transistors (BRT) R1 = 2.2 k, R2 = 2.2 k
January, 2015 ??Rev. 4
DTA123EM3T5G ONSEMI-DTA123EM3T5G Datasheet
103Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
January, 2015 ??Rev. 4
DTA123EM3T5G ONSEMI-DTA123EM3T5G Datasheet
176Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
More results

Similar Description - DTA123EM3T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114EXV3T1 ONSEMI-DTC114EXV3T1 Datasheet
100Kb / 10P
   Digital Transistors (BRT) NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
January, 2004 ??Rev. 0
DTC114EM3T5G ONSEMI-DTC114EM3T5G Datasheet
82Kb / 10P
   Digital Transistors (BRT) NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
March, 2006 ??Rev. 3
logo
AiT Semiconductor Inc.
DTA114EE AITSEMI-DTA114EE Datasheet
719Kb / 10P
   DIGITAL TRANSISTORS (BRT) NPN TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Shanghai Leiditech Elec...
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
   Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
E-Tech Electronics LTD
MUN5111W ETL-MUN5111W Datasheet
577Kb / 11P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN5111DW1T1 LRC-LMUN5111DW1T1 Datasheet
321Kb / 12P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
LDTA115EM3T5G LRC-LDTA115EM3T5G_15 Datasheet
143Kb / 11P
   PNP Silicon Surface Mount Transistors With Monolithic Bias Resistor Network
logo
Hi-Sincerity Mocroelect...
HUN2111 HSMC-HUN2111 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTA115EET1 ONSEMI-DTA115EET1 Datasheet
142Kb / 12P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
July, 2004 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com