Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC123EM3T5G Datasheet(PDF) 9 Page - ON Semiconductor

Part # DTC123EM3T5G
Description  Digital Transistors (BRT) NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTC123EM3T5G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button DTC123EM3T5G Datasheet HTML 2Page - ON Semiconductor DTC123EM3T5G Datasheet HTML 3Page - ON Semiconductor DTC123EM3T5G Datasheet HTML 4Page - ON Semiconductor DTC123EM3T5G Datasheet HTML 5Page - ON Semiconductor DTC123EM3T5G Datasheet HTML 6Page - ON Semiconductor DTC123EM3T5G Datasheet HTML 7Page - ON Semiconductor DTC123EM3T5G Datasheet HTML 8Page - ON Semiconductor DTC123EM3T5G Datasheet HTML 9Page - ON Semiconductor DTC123EM3T5G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DTC114EM3T5G Series
http://onsemi.com
9
TYPICAL APPLICATIONS FOR NPN BRTs
LOAD
+12 V
Figure 22. Level Shifter: Connects 12 or 24 Volt Circuits to Logic
IN
OUT
VCC
ISOLATED
LOAD
FROM mP OR
OTHER LOGIC
+12 V
Figure 23. Open Collector Inverter:
Inverts the Input Signal
Figure 24. Inexpensive, Unregulated Current Source


Similar Part No. - DTC123EM3T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC123EM3T5G ONSEMI-DTC123EM3T5G Datasheet
133Kb / 11P
   Digital Transistors
March, 2011 ??Rev. 4
DTC123EM3T5G ONSEMI-DTC123EM3T5G Datasheet
127Kb / 10P
   Digital Transistors (BRT) R1 = 2.2 k, R2 = 2.2 k
August, 2012 ??Rev. 0
DTC123EM3T5G ONSEMI-DTC123EM3T5G Datasheet
103Kb / 11P
   Digital Transistors (BRT) R1 = 2.2 k, R2 = 2.2 k
January, 2015 ??Rev. 2
DTC123EM3T5G ONSEMI-DTC123EM3T5G Datasheet
102Kb / 11P
   Digital Transistors (BRT)
November, 2016 ??Rev. 4
More results

Similar Description - DTC123EM3T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114EXV3T1 ONSEMI-DTC114EXV3T1 Datasheet
100Kb / 10P
   Digital Transistors (BRT) NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
January, 2004 ??Rev. 0
logo
AiT Semiconductor Inc.
DTA114EE AITSEMI-DTA114EE Datasheet
719Kb / 10P
   DIGITAL TRANSISTORS (BRT) NPN TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
ON Semiconductor
DTA114EM3T5G ONSEMI-DTA114EM3T5G Datasheet
124Kb / 12P
   Digital Transistors (BRT) PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
February, 2004 ??Rev. 0
logo
AiT Semiconductor Inc.
DTA114EM AITSEMI-DTA114EM Datasheet
1Mb / 14P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Leshan Radio Company
LMUN2237LT1 LRC-LMUN2237LT1 Datasheet
100Kb / 4P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LDTC114EET1G LEIDITECH-LDTC114EET1G Datasheet
1Mb / 9P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
EMG2DXV5T1 ONSEMI-EMG2DXV5T1 Datasheet
69Kb / 7P
   Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005 ??Rev. 0
logo
AiT Semiconductor Inc.
DTA114EW AITSEMI-DTA114EW Datasheet
448Kb / 5P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.1
logo
Shanghai Leiditech Elec...
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
   Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com