Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA143ZM3T5G Datasheet(PDF) 1 Page - ON Semiconductor

Part # DTA143ZM3T5G
Description  Digital Transistors (BRT) PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTA143ZM3T5G Datasheet(HTML) 1 Page - ON Semiconductor

  DTA143ZM3T5G Datasheet HTML 1Page - ON Semiconductor DTA143ZM3T5G Datasheet HTML 2Page - ON Semiconductor DTA143ZM3T5G Datasheet HTML 3Page - ON Semiconductor DTA143ZM3T5G Datasheet HTML 4Page - ON Semiconductor DTA143ZM3T5G Datasheet HTML 5Page - ON Semiconductor DTA143ZM3T5G Datasheet HTML 6Page - ON Semiconductor DTA143ZM3T5G Datasheet HTML 7Page - ON Semiconductor DTA143ZM3T5G Datasheet HTML 8Page - ON Semiconductor DTA143ZM3T5G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2004
February, 2004 − Rev. 0
1
Publication Order Number:
DTA114EM3/D
DTA114EM3T5G Series
Preferred Devices
Digital Transistors (BRT)
PNP Silicon Surface Mount Transistors
with Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single
device and its external resistor bias network. The digital transistor
contains a single transistor with a monolithic bias network consisting
of two resistors; a series base resistor and a base−emitter resistor. The
digital transistor eliminates these individual components by
integrating them into a single device. The use of a digital transistor can
reduce both system cost and board space. The device is housed in the
SOT−723 package which is designed for low power surface mount
applications.
Simplifies Circuit Design
Reduces Board Space
Reduces Component Count
The SOT−723 Package can be Soldered using Wave or Reflow.
Available in 4 mm, 8000 Unit Tape & Reel
These are Pb−Free Devices
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
VCEO
50
Vdc
Collector Current
IC
100
mAdc
Preferred devices are recommended choices for future use
and best overall value.
PNP SILICON
DIGITAL
TRANSISTORS
PIN 3
COLLECTOR
(OUTPUT)
PIN 2
EMITTER
(GROUND)
PIN 1
BASE
(INPUT)
R1
R2
xx
= Specific Device Code
(See Marking Table on page 2)
M
= Date Code
MARKING
DIAGRAM
http://onsemi.com
SOT−723
CASE 631AA
Style 1
3
2
1
XX M
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


Similar Part No. - DTA143ZM3T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTA143ZM3T5G ONSEMI-DTA143ZM3T5G Datasheet
146Kb / 12P
   Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 k
September, 2012 ??Rev. 1
DTA143ZM3T5G ONSEMI-DTA143ZM3T5G Datasheet
150Kb / 12P
   Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 kA
October, 2013 ??Rev. 6
DTA143ZM3T5G ONSEMI-DTA143ZM3T5G Datasheet
183Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 7
More results

Similar Description - DTA143ZM3T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114EXV3T1 ONSEMI-DTC114EXV3T1 Datasheet
100Kb / 10P
   Digital Transistors (BRT) NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
January, 2004 ??Rev. 0
DTC114EM3T5G ONSEMI-DTC114EM3T5G Datasheet
82Kb / 10P
   Digital Transistors (BRT) NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
March, 2006 ??Rev. 3
logo
AiT Semiconductor Inc.
DTA114EE AITSEMI-DTA114EE Datasheet
719Kb / 10P
   DIGITAL TRANSISTORS (BRT) NPN TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Shanghai Leiditech Elec...
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
   Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
E-Tech Electronics LTD
MUN5111W ETL-MUN5111W Datasheet
577Kb / 11P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN5111DW1T1 LRC-LMUN5111DW1T1 Datasheet
321Kb / 12P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
LDTA115EM3T5G LRC-LDTA115EM3T5G_15 Datasheet
143Kb / 11P
   PNP Silicon Surface Mount Transistors With Monolithic Bias Resistor Network
logo
Hi-Sincerity Mocroelect...
HUN2111 HSMC-HUN2111 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTA115EET1 ONSEMI-DTA115EET1 Datasheet
142Kb / 12P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
July, 2004 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com