Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA143ZM3T5G Datasheet(PDF) 3 Page - ON Semiconductor

Part # DTA143ZM3T5G
Description  Digital Transistors (BRT) PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTA143ZM3T5G Datasheet(HTML) 3 Page - ON Semiconductor

  DTA143ZM3T5G Datasheet HTML 1Page - ON Semiconductor DTA143ZM3T5G Datasheet HTML 2Page - ON Semiconductor DTA143ZM3T5G Datasheet HTML 3Page - ON Semiconductor DTA143ZM3T5G Datasheet HTML 4Page - ON Semiconductor DTA143ZM3T5G Datasheet HTML 5Page - ON Semiconductor DTA143ZM3T5G Datasheet HTML 6Page - ON Semiconductor DTA143ZM3T5G Datasheet HTML 7Page - ON Semiconductor DTA143ZM3T5G Datasheet HTML 8Page - ON Semiconductor DTA143ZM3T5G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DTA114EM3T5G Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector−Emitter Cutoff Current (VCE = 50 V, IB = 0)
ICEO
500
nAdc
Emitter−Base Cutoff Current
DTA114EM3T5G
(VEB = 6.0 V, IC = 0)
DTA124EM3T5G
DTA144EM3T5G
DTA114YM3T5G
DTA114TM3T5G
DTA143TM3T5G
DTA123EM3T5G
DTA143EM3T5G
DTA143ZM3T5G
DTA124XM3T5G
DTA123JM3T5G
DTA115EM3T5G
DTA144WM3T5G
IEBO
0.5
0.2
0.1
0.2
0.9
1.9
2.3
1.5
0.18
0.13
0.2
0.05
0.13
mAdc
Collector−Base Breakdown Voltage (IC = 10 mA, IE = 0)
V(BR)CBO
50
Vdc
Collector−Emitter Breakdown Voltage (Note 3.)
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
ON CHARACTERISTICS (Note 3.)
DC Current Gain
DTA114EM3T5G
(VCE = 10 V, IC = 5.0 mA)
DTA124EM3T5G
DTA144EM3T5G
DTA114YM3T5G
DTA114TM3T5G
DTA143TM3T5G
DTA123EM3T5G
DTA143EM3T5G
DTA143ZM3T5G
DTA124XM3T5G
DTA123JM3T5G
DTA115EM3T5G
DTA144WM3T5G
hFE
35
60
80
80
160
160
8.0
15
80
80
80
80
80
60
100
140
140
250
250
15
27
140
130
140
150
140
Collector−Emitter Saturation Voltage (IC = 10 mA, IE = 0.3 mA)
(IC = 10 mA, IB = 5 mA) DTA123EM3T5G
(IC = 10 mA, IB = 1 mA) DTA114TM3T5G/DTA143TM3T5G/
DTA143ZM3T5G/DTA124XM3T5G/DTA143EM3T5G
VCE(sat)
0.25
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
DTA114EM3T5G
DTA124EM3T5G
DTA114YM3T5G
DTA114TM3T5G
DTA143TM3T5G
DTA123EM3T5G
DTA143EM3T5G
DTA143ZM3T5G
DTA124XM3T5G
DTA123JM3T5G
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kW)
DTA144EM3T5G
(VCC = 5.0 V, VB = 5.5 V, RL = 1.0 kW)
DTA115EM3T5G
(VCC = 5.0 V, VB = 4.0 V, RL = 1.0 kW)
DTA144WM3T5G
VOL
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kW)
DTA114TM3T5G
DTA143TM3T5G
DTA123EM3T5G
DTA143EM3T5G
VOH
4.9
Vdc
3. Pulse Test: Pulse Width < 300
ms, Duty Cycle < 2.0%


Similar Part No. - DTA143ZM3T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTA143ZM3T5G ONSEMI-DTA143ZM3T5G Datasheet
146Kb / 12P
   Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 k
September, 2012 ??Rev. 1
DTA143ZM3T5G ONSEMI-DTA143ZM3T5G Datasheet
150Kb / 12P
   Digital Transistors (BRT) R1 = 4.7 k, R2 = 47 kA
October, 2013 ??Rev. 6
DTA143ZM3T5G ONSEMI-DTA143ZM3T5G Datasheet
183Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 7
More results

Similar Description - DTA143ZM3T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114EXV3T1 ONSEMI-DTC114EXV3T1 Datasheet
100Kb / 10P
   Digital Transistors (BRT) NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
January, 2004 ??Rev. 0
DTC114EM3T5G ONSEMI-DTC114EM3T5G Datasheet
82Kb / 10P
   Digital Transistors (BRT) NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
March, 2006 ??Rev. 3
logo
AiT Semiconductor Inc.
DTA114EE AITSEMI-DTA114EE Datasheet
719Kb / 10P
   DIGITAL TRANSISTORS (BRT) NPN TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Shanghai Leiditech Elec...
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
   Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
E-Tech Electronics LTD
MUN5111W ETL-MUN5111W Datasheet
577Kb / 11P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN5111DW1T1 LRC-LMUN5111DW1T1 Datasheet
321Kb / 12P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
LDTA115EM3T5G LRC-LDTA115EM3T5G_15 Datasheet
143Kb / 11P
   PNP Silicon Surface Mount Transistors With Monolithic Bias Resistor Network
logo
Hi-Sincerity Mocroelect...
HUN2111 HSMC-HUN2111 Datasheet
46Kb / 5P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTA115EET1 ONSEMI-DTA115EET1 Datasheet
142Kb / 12P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
July, 2004 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com