Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VBN38APG1815PNT108 Datasheet(PDF) 5 Page - ITT Industries

Part # VBN38APG1815PNT108
Description  Veam VBN Connectors
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

VBN38APG1815PNT108 Datasheet(HTML) 5 Page - ITT Industries

  VBN38APG1815PNT108 Datasheet HTML 1Page - ITT Industries VBN38APG1815PNT108 Datasheet HTML 2Page - ITT Industries VBN38APG1815PNT108 Datasheet HTML 3Page - ITT Industries VBN38APG1815PNT108 Datasheet HTML 4Page - ITT Industries VBN38APG1815PNT108 Datasheet HTML 5Page - ITT Industries VBN38APG1815PNT108 Datasheet HTML 6Page - ITT Industries VBN38APG1815PNT108 Datasheet HTML 7Page - ITT Industries VBN38APG1815PNT108 Datasheet HTML 8Page - ITT Industries VBN38APG1815PNT108 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
VEAM VBN
5
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
ORDER CODE
Connector Series
VBN
VEAM Bayonet
Coupling N Series
VBNG*
Plug
Connector Type
2
Front Mounting Receptacle
3
Rear Mounting Receptacle
38
90˚ Rear Mount Receptacle
6
Straight Plug Connector
8
90˚ Plug Connector
Connector Class
A, R
Straight or Right Angle, no Strain relief
AF, F, CF, CFZ
Straight or Right Angle with Strain relief
APG, RPG
Straight for use with PG fitting
SS
Backshells for shielded cable
Shell Size
16S, 18, 20, 22, 24, 28, 32, 36, 40
Insert Arrangement
Refer to pages 13 and 14
Contact Gender
P
Male Contacts (Pin)
S
Female Contacts (Sockets)
Insert Orientation
N
Normal
W, X, Y, Z
Degrees for alternate positions - refer to page 13 and 14
No Letter
Insulator Not Installed
Shell Plating
TXX
T100 zinc/cobalt ecogreen (Conductive)
T108 zinc/iron ecoblack (Conductive)
T39 Black varnish (non conductive)
Modification Code
Consult Factory
VBN
TXX
( )
N
P
15
20
( )
3
* To be used only with Connector Type “6” and Connector Class “SS”.


Similar Part No. - VBN38APG1815PNT108

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VBNC1303 VBSEMI-VBNC1303 Datasheet
596Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Festo Corporation.
VBNF-LBA-G14-Q8 FESTO-VBNF-LBA-G14-Q8 Datasheet
104Kb / 1P
   Non return valve
4/11/22
VBNF-LBA-G18-Q6 FESTO-VBNF-LBA-G18-Q6 Datasheet
104Kb / 1P
   Non return valve
4/11/22
More results

Similar Description - VBN38APG1815PNT108

ManufacturerPart #DatasheetDescription
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
logo
Switchcraft, Inc.
AAA3FPBAUZ SWITCH-AAA3FPBAUZ Datasheet
195Kb / 2P
   CONNECTORS & RECEPTACLES AAA CONNECTORS
logo
Adels-Contact
112003B1 ADELS-112003B1 Datasheet
118Kb / 1P
   Screwless Connectors Block Connectors
06/01/2020
040015 ADELS-040015 Datasheet
119Kb / 2P
   Screwless Connectors Luminaire Connectors
06/01/2020
108005 ADELS-108005 Datasheet
118Kb / 2P
   Screwless Connectors Block Connectors
06/01/2020
108307 ADELS-108307 Datasheet
117Kb / 1P
   Screwless Connectors Block Connectors
06/01/2020
logo
List of Unclassifed Man...
HDRA-E68MA1 ETC2-HDRA-E68MA1 Datasheet
84Kb / 2P
   CONNECTORS
logo
Precid-Dip Durtal SA
8PM-11-0004-02-131 PREDIP-8PM-11-0004-02-131 Datasheet
18Kb / 2P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
802-10-018-30-507101 PREDIP-802-10-018-30-507101 Datasheet
19Kb / 2P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
811-SS-008-30-006101 PREDIP-811-SS-008-30-006101 Datasheet
20Kb / 3P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com