Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC4316A Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74HC4316A
Description  Quad Analog Switch/Multiplexer/Demultiplexer with Separate Analog and Digital Power Supplies
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC4316A Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HC4316A Datasheet HTML 1Page - ON Semiconductor MC74HC4316A Datasheet HTML 2Page - ON Semiconductor MC74HC4316A Datasheet HTML 3Page - ON Semiconductor MC74HC4316A Datasheet HTML 4Page - ON Semiconductor MC74HC4316A Datasheet HTML 5Page - ON Semiconductor MC74HC4316A Datasheet HTML 6Page - ON Semiconductor MC74HC4316A Datasheet HTML 7Page - ON Semiconductor MC74HC4316A Datasheet HTML 8Page - ON Semiconductor MC74HC4316A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC74HC4316A
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS Digital Section (Voltages Referenced to GND) VEE = GND Except Where Noted
Symbol
Parameter
Test Conditions
VCC
V
Guaranteed Limit
Unit
– 55 to
25
°C
v 85°C
v 125°C
VIH
Minimum High−Level Voltage, Control
or Enable Inputs
Ron = Per Spec
2.0
3.0
4.5
6.0
1.5
2.1
3.15
4.2
1.5
2.1
3.15
4.2
1.5
2.1
3.15
4.2
V
VIL
Maximum Low−Level Voltage, Control
or Enable Inputs
Ron = Per Spec
2.0
3.0
4.5
6.0
0.5
0.9
1.35
1.8
0.5
0.9
1.35
1.8
0.5
0.9
1.35
1.8
V
Iin
Maximum Input Leakage Current,
Control or Enable Inputs
Vin = VCC or GND
VEE = – 6.0 V
6.0
± 0.1
± 1.0
± 1.0
mA
ICC
Maximum Quiescent Supply Current
(per Package)
Vin = VCC or GND
VIO = 0 V
VEE = GND
VEE = – 6.0
6.0
6.0
2
4
20
40
40
160
mA
NOTE:
Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High−Speed CMOS Data Book
(DL129/D).
DC ELECTRICAL CHARACTERISTICS Analog Section (Voltages Referenced to VEE)
Symbol
Parameter
Test Conditions
VCC
V
VEE
V
Guaranteed Limit
Unit
– 55 to
25
°C
v 85°C
v 125°C
Ron
Maximum “ON” Resistance
Vin = VIH
VIS = VCC to VEE
IS v 2.0 mA (Figures 1, 2)
2.0*
4 5
4.5
6.0
0.0
0.0
− 4.5
− 6.0
160
90
90
200
110
110
240
130
130
W
Vin = VIH
VIS = VCC or VEE (Endpoints)
IS v 2.0 mA (Figures 1, 2)
2.0
4.5
4.5
6.0
0.0
0.0
− 4.5
− 6.0
90
70
70
115
90
90
140
105
105
DRon
Maximum Difference in “ON”
Resistance Between Any Two
Channels in the Same Package
Vin = VIH
VIS = 1/2 (VCC − VEE)
IS v 2.0 mA
2.0
4.5
4.5
6.0
0.0
0.0
– 4.5
– 6.0
20
15
15
25
20
20
30
25
25
W
Ioff
Maximum Off−Channel
Leakage Current, Any One
Channel
Vin = VIL
VIO = VCC or VEE
Switch Off (Figure 3)
6.0
– 6.0
0.1
0.5
1.0
mA
Ion
Maximum On−Channel
Leakage Current, Any One
Channel
Vin = VIH
VIS = VCC or VEE
(Figure 4)
6.0
– 6.0
0.1
0.5
1.0
mA
NOTE:
Information on typical parametric values can be found in Chapter 2 of the ON Semiconductor High−Speed CMOS Data Book
(DL129/D).
*At supply voltage (VCC − VEE) approaching 2.0 V the analog switch−on resistance becomes extremely non−linear. Therefore, for low−voltage
operation, it is recommended that these devices only be used to control digital signals.


Similar Part No. - MC74HC4316A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4316A ONSEMI-MC74HC4316A Datasheet
157Kb / 10P
   Quad Analog Switch/ Multiplexer/Demultiplexer
August, 2014 ??Rev. 9
MC74HC4316ADR2G ONSEMI-MC74HC4316ADR2G Datasheet
174Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer with Separate Analog and Digital Power Supplies
May, 2011 ??Rev. 7
MC74HC4316ADR2G ONSEMI-MC74HC4316ADR2G Datasheet
157Kb / 10P
   Quad Analog Switch/ Multiplexer/Demultiplexer
August, 2014 ??Rev. 9
MC74HC4316AFELG ONSEMI-MC74HC4316AFELG Datasheet
174Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer with Separate Analog and Digital Power Supplies
May, 2011 ??Rev. 7
MC74HC4316ANG ONSEMI-MC74HC4316ANG Datasheet
174Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer with Separate Analog and Digital Power Supplies
May, 2011 ??Rev. 7
More results

Similar Description - MC74HC4316A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC4316 ONSEMI-MC74VHC4316 Datasheet
154Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer with Separate Analog and Digital Power Supplies
March, 2008 - Rev. 2
MC74HC4316 ONSEMI-MC74HC4316 Datasheet
347Kb / 10P
   Quad Analog Switch/Multiplexer/Demultiplexer with Separate Analog and Digital Power Supplies
1995 REV 6
MC74HC4316A ONSEMI-MC74HC4316A_11 Datasheet
174Kb / 11P
   Quad Analog Switch/Multiplexer/Demultiplexer with Separate Analog and Digital Power Supplies
May, 2011 ??Rev. 7
MC74LVX4066 ONSEMI-MC74LVX4066_11 Datasheet
196Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
265Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer
March, 2000 ??Rev. 1
MC54-74HC4016 ONSEMI-MC54-74HC4016 Datasheet
349Kb / 11P
   Quad Analog Switch/ Multiplexer/Demultiplexer
REV 6
MC74HCT4066A ONSEMI-MC74HCT4066A Datasheet
174Kb / 13P
   Quad Analog Switch Multiplexer/Demultiplexer
November, 2010 ??Rev. 1
MC74HC4316A ONSEMI-MC74HC4316A_14 Datasheet
157Kb / 10P
   Quad Analog Switch/ Multiplexer/Demultiplexer
August, 2014 ??Rev. 9
MC74VHC4066 ONSEMI-MC74VHC4066_11 Datasheet
194Kb / 14P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 6
MC74LVXT4066DTRG ONSEMI-MC74LVXT4066DTRG Datasheet
194Kb / 13P
   Quad Analog Switch/ Multiplexer/Demultiplexer
May, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com