Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H171P Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10H171P
Description  Dual Binary to 1-4 Decoder (Low)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H171P Datasheet(HTML) 1 Page - ON Semiconductor

  MC10H171P Datasheet HTML 1Page - ON Semiconductor MC10H171P Datasheet HTML 2Page - ON Semiconductor MC10H171P Datasheet HTML 3Page - ON Semiconductor MC10H171P Datasheet HTML 4Page - ON Semiconductor MC10H171P Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 7
1
Publication Order Number:
MC10H171/D
MC10H171
Dual Binary to 1−4 Decoder
(Low)
Description
The MC10H171 is a binary coded 2 line to dual 4 line decoder with
selected outputs low. With either E0 or E1 high, the corresponding
selected 4 outputs are high. The common enable E, when high, forces
all outputs high.
Features
Propagation Delay, 2 ns Typical
Power Dissipation 325 mW Typical (same as MECL 10K™)
Improved Noise Margin 150 mV (over operating voltage and
temperature range)
Voltage Compensated
MECL 10K Compatible
Pb−Free Packages are Available*
LOGIC DIAGRAM
DIP
PIN ASSIGNMENT
VCC1
E1
Q13
Q12
Q11
Q10
B
VEE
VCC2
E
E0
Q00
Q01
Q02
Q03
A
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCC1 = PIN 1
VCC2 = PIN 16
VEE = PIN 8
E0 14
A 9
B 7
E 15
E1 2
10 Q0 3
11 Q0 2
12 Q0 1
13 Q0 0
3 Q1 3
4 Q1 2
5 Q1 1
6 Q1 0
Pin assignment is for Dual−in−Line Package.
For PLCC pin assignment, see the Pin Conversion Tables on page 18
of the ON Semiconductor MECL Data Book (DL122/D).
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING DIAGRAMS*
PDIP−16
P SUFFIX
CASE 648
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
16
1
16
1
MC10H171P
AWLYYWWG
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G= Pb−Free Package
PLLC−20
FN SUFFIX
CASE 775
20 1
10H171G
AWLYYWW
120


Similar Part No. - MC10H171P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H172 ONSEMI-MC10H172 Datasheet
143Kb / 5P
   Dual Binary to 1???묭ecoder (High)
February, 2006 ??Rev. 7
MC10H172FN ONSEMI-MC10H172FN Datasheet
143Kb / 5P
   Dual Binary to 1???묭ecoder (High)
February, 2006 ??Rev. 7
MC10H172FNG ONSEMI-MC10H172FNG Datasheet
143Kb / 5P
   Dual Binary to 1???묭ecoder (High)
February, 2006 ??Rev. 7
MC10H172FNR2 ONSEMI-MC10H172FNR2 Datasheet
143Kb / 5P
   Dual Binary to 1???묭ecoder (High)
February, 2006 ??Rev. 7
MC10H172FNR2G ONSEMI-MC10H172FNR2G Datasheet
143Kb / 5P
   Dual Binary to 1???묭ecoder (High)
February, 2006 ??Rev. 7
More results

Similar Description - MC10H171P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10171 ONSEMI-MC10171 Datasheet
110Kb / 5P
   Dual Binary to 1-4 Decoder(Low)
1996 REV 5
MC10171 ONSEMI-MC10171_02 Datasheet
112Kb / 8P
   Dual Binary to 1-4 Decoder (Low)
January, 2002 ??Rev. 7
logo
Motorola, Inc
MC10172 MOTOROLA-MC10172 Datasheet
117Kb / 5P
   Dual Binary to 1-4 Decoder(High)
logo
ON Semiconductor
MC10H161 ONSEMI-MC10H161_06 Datasheet
164Kb / 7P
   Binary to 1?? Decoder (Low)
February, 2006 ??Rev. 7
logo
Motorola, Inc
MC14555B MOTOROLA-MC14555B Datasheet
164Kb / 5P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
logo
STMicroelectronics
HCC4555B STMICROELECTRONICS-HCC4555B Datasheet
316Kb / 14P
   DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXERS
logo
ON Semiconductor
MC14555B ONSEMI-MC14555B Datasheet
142Kb / 8P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
March, 2000 ??Rev. 3
logo
Hitachi Semiconductor
HD14555B HITACHI-HD14555B Datasheet
63Kb / 4P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC14555B ONSEMI-MC14555B_14 Datasheet
110Kb / 6P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
July, 2014 ??Rev. 11
MC10161 ONSEMI-MC10161_02 Datasheet
119Kb / 8P
   Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com