Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H130PG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10H130PG
Description  Dual Latch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H130PG Datasheet(HTML) 1 Page - ON Semiconductor

  MC10H130PG Datasheet HTML 1Page - ON Semiconductor MC10H130PG Datasheet HTML 2Page - ON Semiconductor MC10H130PG Datasheet HTML 3Page - ON Semiconductor MC10H130PG Datasheet HTML 4Page - ON Semiconductor MC10H130PG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 8
1
Publication Order Number:
MC10H130/D
MC10H130
Dual Latch
Description
The MC10H130 is a MECL 10H
™ part which is a functional/pinout
duplication of the standard MECL 10K
™ family part, with 100%
improvement in clock speed and propagation delay and no increase in
power supply current.
Features
Propagation Delay, 1.0 ns Typical
Power Dissipation, 155 mW Typical
Improved Noise Margin 150 mV (Over Operating Voltage and
Temperature Range)
Voltage Compensated
MECL 10K Compatible
Pb−Free Packages are Available*
VCC1 = PIN 1
VCC2 = PIN 16
VEE = PIN 8
S1 5
D1 7
CE1 6
R1 4
C 9
R2 13
CE2 11
D2 10
S2 12
Q1
Q1
Q2
Q2
2
3
14
15
Figure 1. Logic Diagram
Figure 2. Pin Assignment
VCC1
Q1
Q1
R1
S1
CE1
D1
VEE
VCC2
Q2
Q2
R2
S2
CE2
D2
C
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Table 1. TRUTH TABLE
DC
CEQn+1
L
H
L
L
L
H
H
L
L
H
L
H
L
H
Qn
Qn
Qn
X
X
X
Pin assignment is for Dual−in−Line Package.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
CDIP−16
L SUFFIX
CASE 620A
MARKING DIAGRAMS*
PDIP−16
P SUFFIX
CASE 648
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
16
1
16
1
MC10H130P
AWLYYWWG
1
16
MC10H130L
AWLYYWW
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G= Pb−Free Package
PLLC−20
FN SUFFIX
CASE 775
20 1
10H130G
AWLYYWW
120


Similar Part No. - MC10H130PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H131 ONSEMI-MC10H131 Datasheet
98Kb / 4P
   Dual D Type Master-Slave Flip-Flop
REV 5
MC10H131 ONSEMI-MC10H131 Datasheet
153Kb / 7P
   Dual D Type Master?뭆lave Flip?묯lop
February, 2006 ??Rev. 7
MC10H131 ONSEMI-MC10H131 Datasheet
139Kb / 5P
   Dual D Type Master?륲lave Flip?륡lop
August, 2016 ??Rev. 8
MC10H131FN ONSEMI-MC10H131FN Datasheet
153Kb / 7P
   Dual D Type Master?뭆lave Flip?묯lop
February, 2006 ??Rev. 7
MC10H131FNG ONSEMI-MC10H131FNG Datasheet
153Kb / 7P
   Dual D Type Master?뭆lave Flip?묯lop
February, 2006 ??Rev. 7
More results

Similar Description - MC10H130PG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC10130 MOTOROLA-MC10130 Datasheet
830Kb / 2P
   DUAL LATCH
MPG1668 MOTOROLA-MPG1668 Datasheet
637Kb / 11P
   Dual Clocked Latch
logo
NXP Semiconductors
74F256 PHILIPS-74F256 Datasheet
104Kb / 12P
   Dual addressable latch
1988 Nov 29
logo
Melexis Microelectronic...
MLX90224 MELEXIS-MLX90224_14 Datasheet
486Kb / 10P
   Dual Hall Effect Latch
logo
NXP Semiconductors
HEF4508B PHILIPS-HEF4508B Datasheet
107Kb / 9P
   Dual 4-bit latch
January 1995
logo
National Semiconductor ...
9308 NSC-9308 Datasheet
121Kb / 6P
   Dual 4-Bit Latch
93L08 NSC-93L08 Datasheet
99Kb / 4P
   Dual 4-Bit Latch
logo
NXP Semiconductors
10130 PHILIPS-10130 Datasheet
260Kb / 6P
   Dual D-Type Latch
June 14 1990
logo
Motorola, Inc
MC10134 MOTOROLA-MC10134 Datasheet
73Kb / 5P
   DUAL MULTIPLEXER WITH LATCH
logo
List of Unclassifed Man...
MMC4508 ETC1-MMC4508 Datasheet
167Kb / 5P
   DUAL 4-BIT LATCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com