Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100ELT20MNR4G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100ELT20MNR4G
Description  5VTTL to Differential PECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100ELT20MNR4G Datasheet(HTML) 1 Page - ON Semiconductor

  MC100ELT20MNR4G Datasheet HTML 1Page - ON Semiconductor MC100ELT20MNR4G Datasheet HTML 2Page - ON Semiconductor MC100ELT20MNR4G Datasheet HTML 3Page - ON Semiconductor MC100ELT20MNR4G Datasheet HTML 4Page - ON Semiconductor MC100ELT20MNR4G Datasheet HTML 5Page - ON Semiconductor MC100ELT20MNR4G Datasheet HTML 6Page - ON Semiconductor MC100ELT20MNR4G Datasheet HTML 7Page - ON Semiconductor MC100ELT20MNR4G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
December, 2006 − Rev. 5
1
Publication Order Number:
MC10ELT20/D
MC10ELT20, MC100ELT20
5VTTL to Differential PECL
Translator
Description
The MC10ELT/100ELT20 is a TTL to differential PECL translator.
Because PECL (Positive ECL) levels are used, only +5 V and ground
are required. The small outline 8-lead package and the single gate of
the ELT20 makes it ideal for those applications where space,
performance, and low power are at a premium.
The 100 Series contains temperature compensation.
Features
1.2 ns Typical Propagation Delay
PNP TTL Inputs for Minimal Loading
Flow Through Pinouts
Operating Range: VCC = 4.75 V to 5.25 V with GND = 0 V
Pb−Free Packages are Available
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
M
= Date Code
G
= Pb−Free Package
H
= MC10
K
= MC100
5B
= MC10
2P
= MC100
SO−8
D SUFFIX
CASE 751
MARKING DIAGRAMS*
TSSOP−8
DT SUFFIX
CASE 948R
ALYWG
G
HT20
ALYWG
G
KT20
1
8
1
8
1
8
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
1
8
HLT20
ALYW
G
1
8
KLT20
ALYW
G
1
8
DFN8
MN SUFFIX
CASE 506AA
14
14
(Note: Microdot may be in either location)


Similar Part No. - MC100ELT20MNR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100ELT20D ONSEMI-MC100ELT20D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100ELT20DG ONSEMI-MC100ELT20DG Datasheet
83Kb / 7P
   5V TTL to Differential PECL Translator
August, 2015 ??Rev. 7
MC100ELT20DR2G ONSEMI-MC100ELT20DR2G Datasheet
83Kb / 7P
   5V TTL to Differential PECL Translator
August, 2015 ??Rev. 7
MC100ELT20DTG ONSEMI-MC100ELT20DTG Datasheet
83Kb / 7P
   5V TTL to Differential PECL Translator
August, 2015 ??Rev. 7
MC100ELT20DTR2G ONSEMI-MC100ELT20DTR2G Datasheet
83Kb / 7P
   5V TTL to Differential PECL Translator
August, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com