Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100ELT20MNR4G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC100ELT20MNR4G
Description  5VTTL to Differential PECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100ELT20MNR4G Datasheet(HTML) 4 Page - ON Semiconductor

  MC100ELT20MNR4G Datasheet HTML 1Page - ON Semiconductor MC100ELT20MNR4G Datasheet HTML 2Page - ON Semiconductor MC100ELT20MNR4G Datasheet HTML 3Page - ON Semiconductor MC100ELT20MNR4G Datasheet HTML 4Page - ON Semiconductor MC100ELT20MNR4G Datasheet HTML 5Page - ON Semiconductor MC100ELT20MNR4G Datasheet HTML 6Page - ON Semiconductor MC100ELT20MNR4G Datasheet HTML 7Page - ON Semiconductor MC100ELT20MNR4G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC10ELT20, MC100ELT20
http://onsemi.com
4
Table 7. AC CHARACTERISTICS VCC = 4.75 V to 5.25 V; GND = 0.0 V
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Toggle Frequency
100
100
100
MHz
tPLH
Propagation Delay
1.5 V to 50%
0.6
0.82
1.2
0.6
0.82
1.25
0.6
0.83
1.35
ns
tPHL
Propagation Delay
1.5 V to 50%
0.4
1.0
0.5
0.8
1.1
0.7
1.30
ns
tJITTER
Cycle−to−Cycle Jitter
TBD
TBD
TBD
ps
tr/tf
Output Rise/Fall Time
(20−80%)
0.15
1.5
0.15
1.5
0.15
1.5
ns
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
Figure 2. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V


Similar Part No. - MC100ELT20MNR4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100ELT20D ONSEMI-MC100ELT20D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100ELT20DG ONSEMI-MC100ELT20DG Datasheet
83Kb / 7P
   5V TTL to Differential PECL Translator
August, 2015 ??Rev. 7
MC100ELT20DR2G ONSEMI-MC100ELT20DR2G Datasheet
83Kb / 7P
   5V TTL to Differential PECL Translator
August, 2015 ??Rev. 7
MC100ELT20DTG ONSEMI-MC100ELT20DTG Datasheet
83Kb / 7P
   5V TTL to Differential PECL Translator
August, 2015 ??Rev. 7
MC100ELT20DTR2G ONSEMI-MC100ELT20DTR2G Datasheet
83Kb / 7P
   5V TTL to Differential PECL Translator
August, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com